Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381676 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 381676
Description  Pen DMM with Non-Contact Voltage Detector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

381676 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  381676 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COM
Specifications
Range
Resolution
Basic Accuracy
Non-Contact Voltage
50 to 600VAC
DC Voltage
200mV, 2, 20, 200, 600V
0.1mV
±0.7%
AC Voltage
200mV, 2, 20, 200, 600V
0.1mV
±0.8%
Resistance (Ω)
200, 2k, 20k, 200k, 2M, 20MΩ
0.1Ω
±0.8%
Diode Test
1mA @ 1.5V approx
Continuity Test
Audible beep <50 ohms
Dimensions
8.2x1.5x1.1" (208x38x29mm),
Weight
3.9oz (110g)
Ordering Information:
381676 ..........Pen MultiMeter with Non-Contact Voltage Detector
Specifications subject to change without notice.
Copyright © 2007-2012 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
7/26/12 - R1
Autoranging MultiMeter with rotary dial
With a retractable tip for safe storage
Pen DMM with Non-Contact Voltage Detector
Features:
Large 2000 count high contrast LCD display
Non-Contact Voltage detection with
visible and audible alarm
Autoranging with Data Hold, Range Hold,
and Maximum Hold features
Functions include AC/DC Voltage, Resistance,
Continuity and Diode Test
Auto Power off to conserve battery life
Overload and low battery indication
Meets IEC1010-1; CAT III-600V
Complete with test lead with alligator clips,
two 1.5V AAA batteries, and carrying case
Applications:
AC live circuit detection
Field Service troubleshooting tool for AC/DC circuits
R & D and circuit board troubleshooting
Digital circuitry testing
Built-in Non-Contact Voltage Detector
automatically detects a live wire
when the red LED is lit
Retractable tip


Similar Part No. - 381676

ManufacturerPart #DatasheetDescription
logo
EnOcean GmbH.
38160-400 ENOCEAN-38160-400 Datasheet
448Kb / 3P
   Commissioning Tool
003-0525-01A rev 09/2022
logo
Extech Instruments Corp...
381626 EXTECH-381626 Datasheet
217Kb / 1P
   Pen MultiMeter with Logic Test
381626 EXTECH-381626_15 Datasheet
217Kb / 1P
   Pen MultiMeter with Logic Test
logo
SCHOTT CORPORATION
38164 SCHOTT-38164 Datasheet
25Kb / 1P
   INDUCTOR - POTS SPLITTER
More results

Similar Description - 381676

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DV20 EXTECH-DV20 Datasheet
40Kb / 1P
   Non-Contact Voltage Detector and Flashlight
logo
Pomona Electronics
7290 POMONA-7290 Datasheet
94Kb / 1P
   LumaVolt, Non Contact AC Voltage Detector
logo
Extech Instruments Corp...
DV24 EXTECH-DV24 Datasheet
52Kb / 1P
   Non-Contact Voltage Detector and Flashlight
PQ2071 EXTECH-PQ2071 Datasheet
636Kb / 1P
   Built-in non-contact Voltage Detector with LED alert
DVA30 EXTECH-DVA30_15 Datasheet
168Kb / 1P
   Non-Contact AC Voltage and Current Detector
DV26 EXTECH-DV26 Datasheet
529Kb / 1P
   CAT IV Non-contact Voltage Detector Flashlight
DA30 EXTECH-DA30_15 Datasheet
651Kb / 1P
   Non-Contact Current Detector
MA120 EXTECH-MA120_15 Datasheet
185Kb / 1P
   200A Mini Clamp Meters Non-contact Voltage Detector
MA150 EXTECH-MA150_15 Datasheet
185Kb / 1P
   200A Mini Clamp Meters Non-contact Voltage Detector
MD10 EXTECH-MD10 Datasheet
375Kb / 1P
   Non-contact Magnet Detector Flashlight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com