Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YF-64 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9248YF-64
Description  AMD-K7TM System Clock Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-64 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9248YF-64 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248YF-64 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
ICS9248-64
Electrical Characteristics - AGP(0:1)
T
A = 0 - 70º C; VDD = 3.3 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH4B
IOH = -18 mA
2
3
V
Output Low Voltage
VOL4B
IOL = 18 mA
0.31
0.4
V
Output High Current
IOH4B
VOH = 2.0 V
-63
-19
mA
Output Low Current
IOL4B
VOL = 0.8 V
19
30
mA
Rise Time
1
Tr4B
VOL = 0.4 V, VOH = 2.0 V
1.3
2
ns
Fall Time
1
Tf4B
VOH = 2.0 V, VOL = 0.4 V
1.4
2
ns
Duty Cycle
1
Dt4B
VT = 50%
45
50
55
%
Jitter, Cycle-to-cycle
1
t
jcyc-cyc1
VT = 1.5 Volts
290
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM_OUT
T
A = 0 - 70º C; VDD = 3.3 V +/-5%, CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
V
OH3
I
OH = -11 mA
2
3
V
Output Low Voltage
V
OL3
I
OL = 11 mA
0.31
0.4
V
Output High Current
I
OH3
V
OH = 2.0 V
-60
-12
mA
Output Low Current
I
OL3
V
OL = 0.8 V
12
30
mA
Rise Time
1
T
r3
1
V
OL = 0.4 V, VOH = 2.4 V
1.7
2.2
ns
Fall Time
1
T
f3
1
V
OH = 2.4 V, VOL = 0.4 V
1.9
2.2
ns
Duty Cycle
1
D
t3
1
V
T = 50%
45
55
55
%
Jitter, Cycle-to-cycle
1
t
jcyc-cyc1
VT = 1.5 Volts
130
250
ps
1Guarenteed by design, not 100% tested in production.


Similar Part No. - ICS9248YF-64

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-65 ICST-ICS9248YF-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248YF-66 ICST-ICS9248YF-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
More results

Similar Description - ICS9248YF-64

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
   AMD-K7TM System Clock Chip
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
   AMD-K7TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
   AMD - K7TM System Clock Chip
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
   AMD-K7TM System Clock Chip
02/23/04
logo
Integrated Circuit Syst...
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS950410 ICST-ICS950410 Datasheet
179Kb / 15P
   AMD - K System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com