Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248-81 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-81
Description  Frequency Generator & Integrated Buffers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-81 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-81 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-81 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248- 81
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers
9248-81 Rev E 10/12/99
Pin Configuration
•
Generates the following system clocks:
- 3 CPU(2.5V/3.3V) up to 133.3MHz.
- 6 PCI(3.3V) (including 1 free-running)
- 13 SDRAMs(3.3V) up to 133.3MHz.
- 3 REF (3.3V) @ 14.318MHz
- 1 clock @ 24/14.3 MHz selectable output for SIO
- 1 Fixed clock at 48MHz (3.3V)
- 1 IOAPIC @ 2.5V / 3.3V
•
Skew characteristics:
- CPU – CPU<175ps
- SDRAM – SDRAM < 250ps
- CPU–SDRAM < 500ps
- CPU(early) – PCI : 1-4ns (typ. 3ns)
- PCI – PCI <500ps
•
Supports Spread Spectrum modulation ±0.25 & ±0.5%
center spread
•
Serial I2C interface for Power Management, Frequency
Select, Spread Spectrum.
•
Efficient Power management scheme through PCI,
SDRAM, CPU STOP CLOCKS and PD#.
•
Uses external 14.318MHz crystal
•
48 pin 300mil SSOP.
48-Pin SSOP
Power Groups
VDDREF=REF[2:0],X1,X2
VDDPCI=PCICLK_F,PCICLK[4:0]
VDDSD/C = SDRAM [11:0], supply for PLL core, 24 MHz, 48MHz
VDD/CPU=CPUCLK[3:1]
VDDLAPIC=IOAPIC
GNDFIX = Ground for fixed clock PLL and output buffers
* Internal Pull-up Resistor of
120K to 3.3V on indicated inputs
The ICS9248-81 is the single chip clock solution for Desktop/
Notebook designs using the SIS style chipset. It provides all
necessary clock signals for such a system.
Spread spectrum may be enabled through I2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-81
employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
Serial programming I2C interface allows changing functions,
stop clock programming and frequency selection. The SD_SEL
latched input allows the SDRAM frequency to follow the
CPUCLK frequency(SD_SEL=1) or other clock frequencies
(SD_SEL=0)
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9248-81

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248-81 RENESAS-ICS9248-81 Datasheet
1Mb / 19P
   Frequency Generator & Integrated Buffers
2019
More results

Similar Description - ICS9248-81

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
   Frequency Generator & Integrated Buffers
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
   Frequency Generator & Integrated Buffers
2019
ICS9248-81 RENESAS-ICS9248-81 Datasheet
1Mb / 19P
   Frequency Generator & Integrated Buffers
2019
logo
Integrated Circuit Syst...
ICS9147-06 ICST-ICS9147-06 Datasheet
548Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-01 ICST-ICS9147-01 Datasheet
442Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9148-11 ICST-ICS9148-11 Datasheet
580Kb / 14P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Device Techn...
ICS9147-01 IDT-ICS9147-01 Datasheet
448Kb / 11P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 IDT-ICS9147-16 Datasheet
420Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
logo
Integrated Circuit Syst...
ICS9148-13 ICST-ICS9148-13 Datasheet
347Kb / 7P
   Frequency Generator & Integrated Buffers for PENTIUMTM
ICS9147-16 ICST-ICS9147-16 Datasheet
415Kb / 6P
   Frequency Generator & Integrated Buffers for PENTIUMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com