Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YF-97-T Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9248YF-97-T
Description  Frequency Timing Generator for PENTIUM II Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-97-T Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9248YF-97-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 12Page - Integrated Circuit Systems ICS9248YF-97-T Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
ICS9248-97
Electrical Characteristics - 48 M Hz
TA = 0 - 70ºC; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5%; CL = 20 pF (unles s otherwis e s tated)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 5
1
VO = VDD*(0.5)
20
47
60
Output Impedance
RDSN5
1
VO = VDD*(0.5)
20
44
60
Output High Voltage
VOH5
IOH = -16 mA
2.4
2.62
V
Output Low Voltage
VOL5
IOL = 9 mA
0.3
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-27
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
22
mA
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
2.33
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2.42
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
51
55
%
Jitter, Cycle-to-cycle
1
Tjcyc-cyc5
VT = 1.5 V
439
500
ps
1
Guaranteed by des ign, not 100% tes ted in production.
Electrical Characteristics - REF
TA = 0 - 70ºC; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PA RA M ETER
SYM BOL
CONDITIONS
M IN
TYP
M A X
UNITS
Output Impedance
RDSP 5
1
VO = VDD*(0.5)
20
47.6
60
Output Impedance
RDSN5
1
VO = VDD*(0.5)
20
44
60
Output High Voltage
VOH5
IOH = -16 mA
2.4
2.6
V
Output Low Voltag e
VOL5
IOL = 9 mA
0.3
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-26
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
22
mA
Ris e Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
2.28
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
2.24
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
51.9
55
%
Jitter, Cycle-to-cycle
1
Tjcyc-cyc5
VT = 1.5 V
839
1000
ps
1
Guaranteed by des ign, n ot 100% tes ted in production.


Similar Part No. - ICS9248YF-97-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248YF-90-T ICST-ICS9248YF-90-T Datasheet
281Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248YF-96-T ICST-ICS9248YF-96-T Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248YF-96LF-T ICST-ICS9248YF-96LF-T Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248YF-98-T ICST-ICS9248YF-98-T Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
logo
Renesas Technology Corp
ICS9248YF-98LF-T RENESAS-ICS9248YF-98LF-T Datasheet
370Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results

Similar Description - ICS9248YF-97-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
   Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
   Frequency Timing Generator for Pentium II Systems
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
   Frequency Timing Generator for Pentium II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
   Frequency Timing Generator for Pentium II Systems
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
   Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
   Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
   Frequency Timing Generator for PENTIUM II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com