Electronic Components Datasheet Search |
|
407910 Datasheet(PDF) 1 Page - Extech Instruments Corporation. |
|
407910 Datasheet(HTML) 1 Page - Extech Instruments Corporation. |
|
1 / 1 page Specifications subject to change without notice. Copyright © 2008-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form. www.extech.com 9/9/14 - R1 Wide range dual input With multiple units and RS-232 interface Heavy Duty Differential Pressure Manometer Features: • Dual differential inputs with internal sensors • Wide (±802 inches of water) measurement range with high resolution • Displays 8 types of pressure units: mbar, psi, kg/cm 2, mmHg, inHg, mH2O, inH2O, and atm • Record/Recall MIN and MAX readings • Data Hold and Auto Power off • Zero function for offset measurements • Basic accuracy: ±1% of full scale (includes hysteresis) • Large dual LCD display • Metal input connections with two quick-disconnect fittings • Built-in RS-232 PC interface with optional Data Acquisition software (407001) • Includes 2 quick disconnect-fittings, 9V battery, protective rubber holster with stand, and carrying case Ordering Information: 407910 ................Heavy Duty Manometer 407910-NIST ......407910 with NIST Certificate 156119 ................117V AC Adaptor 409997 ................Soft Vinyl Pouch Carrying Case Specifications Range Resolution Basic Accuracy mbar ±2000mbar 1mbar ±2%FS psi ±29psi 0.01psi ±1%FS kg/cm2 ±2.040kg/cm2 0.001kg/cm2 ±1%FS mmHg ±1500mmHg 1mmHg ±1%FS inHg ± 59.06inHg 0.02inHg ±1%FS mH2O ±20.40mH2O 0.01mH2O ±1%FS inH2O ±802.0inH2O 0.5inH2O ±1%FS atm ±1.974atm 0.001atm ±1%FS Dimensions 7 x 2.9 x 1.3" (178 x 74 x 33mm) Weight 12oz (350g ) |
Similar Part No. - 407910_15 |
|
Similar Description - 407910_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |