Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-4102WG_2015 Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-4102WG_2015
Description  8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-4102WG_2015 Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-4102WG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-4102WG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-4102WG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-4102WG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-4102WG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPS-4102WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
2007/12/1 V2.0
5
REVISION HISTORY
Version
Subject
Release Date
1.0
Initial datasheet
2007/7/1
2.0
Add SPS-4102AWG for -40 to 85
oC
2007/12/1


Similar Part No. - SPS-4102WG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4102WG OPTOWAY-SPS-4102WG_07 Datasheet
168Kb / 5P
   3.3V / 1310 nm / 8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4102WG OPTOWAY-SPS-4102WG_15 Datasheet
189Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-4102WG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-4140WG_2015 OPTOWAY-SPS-4140WG_2015 Datasheet
187Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4170WG OPTOWAY-SPS-4170WG_15 Datasheet
167Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4340W OPTOWAY-SPS-4340W_15 Datasheet
212Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4170WG_2015 OPTOWAY-SPS-4170WG_2015 Datasheet
167Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4102WG OPTOWAY-SPS-4102WG_15 Datasheet
189Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-4310W_2015 OPTOWAY-SPS-4310W_2015 Datasheet
183Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4340W_2015 OPTOWAY-SPS-4340W_2015 Datasheet
212Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4310W OPTOWAY-SPS-4310W_15 Datasheet
183Kb / 5P
   8.5 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-4140WG OPTOWAY-SPS-4140WG_15 Datasheet
187Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-4100WG_2015 OPTOWAY-SPM-4100WG_2015 Datasheet
169Kb / 5P
   8.5 Gbps Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com