Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250-08 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-08
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-08 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-08 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-08 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ICS9250-08
Third party brands and names are the property of their respective owners.
Integrated
Circuit
Systems, Inc.
Block Diagram
Frequency Generator & Integrated Buffers for Celeron & PII/III™
9250-08 Rev H 10/8/99
Functionality
Pin Configuration
Recommended Application:
BX, Appollo Pro 133 type of chip set.
Output Features:
3 - CPUs @2.5V, up to 150MHz.
17 - SDRAM @ 3.3V, up to 150MHz.
7 - PCI @3.3V
2 - IOAPIC @ 2.5V
1 - 48MHz, @3.3V fixed.
1 - 24MHz @ 3.3V
2 - REF @3.3V, 14.318MHz.
Features:
Up to 150MHz frequency support
Support power management: CPU, PCI, stop and Power
down Mode form I
2C programming.
Spread spectrum for EMI control (0 to -0.5%, ± 0.25%).
Uses external 14.318MHz crystal
Key Specifications:
CPU – CPU: <175ps
CPU – PCI: min = 1ns max = 4ns
PCI – PCI: <250ps
SDRAM - SDRAM: <500ps
56-Pin SSOP
* Internal Pull-up Resistor of 240K to 3.3V on indicated inputs
** Internal Pull-down resistor of 240K to GND on indicated inputs.
VDDREF
*
REF1
*PCI_STOP/REF0
GND
X1
X2
VDDPCI
*MODE/PCICLK_F
**FS3/PCICLK0
GND
VDDPCI
BUFFERIN
SDRAM11
SDRAM10
VDDSDR
SDRAM9
SDRAM8
GND
SDRAM15
SDRAM14
GND
SDATA
SCLK
PCICLK1
PCICLK2
PCICLK3
PCICLK4
PCICLK5
FS2/
VDDLIOAPIC
IOAPIC0
IOAPIC_F
GND
CPUCLK_F
CPUCLK1
VDDLCPU
CPUCLK2
GND
CPU_STOP#
SDRAM_F
VDDSDR
SDRAM0
SDRAM1
GND
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
GND
SDRAM12
SDRAM13
VDD48
24MHz/FS0*
48MHz/FS1*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
{
I C
2
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
)
z
H
M
(
K
L
C
I
C
P
1111
3
3
1)
4
/
U
P
C
(
3
.
3
3
111
0
4
2
1)
4
/
U
P
C
(
1
3
11
0
1
0
5
1)
4
/
U
P
C
(
5
.
7
3
11
00
0
4
1)
4
/
U
P
C
(
5
3
10
1
1
5
0
1)
3
/
U
P
C
(
5
3
10
10
0
1
1)
3
/
U
P
C
(
7
6
.
6
3
10
0
1
5
1
1)
3
/
U
P
C
(
3
3
.
8
3
1
000
0
2
1)
3
/
U
P
C
(
0
0
.
0
4
0
111
3
.
0
0
1)
3
/
U
P
C
(
3
4
.
3
3
01
1
0
3
3
1)
3
/
U
P
C
(
3
3
.
4
4
01
01
2
1
1)
3
/
U
P
C
(
3
3
.
7
3
01
0
0
3
0
1)
2
/
U
P
C
(
3
3
.
4
3
00
11
8
.
6
6)
2
/
U
P
C
(
0
4
.
3
3
00
1
0
3
.
3
8)
2
/
U
P
C
(
5
6
.
1
4
000
1
5
7)
2
/
U
P
C
(
5
.
7
3
0000
4
2
1)
2
/
U
P
C
(
3
3
.
1
4
CPU_STOP#
PCI_STOP#
PLL2
PLL1
Spread
Spectrum
48MHz
IOAPIC0
CPUCLK [2:1]
CPUCLK_F
IOAPIC_F
SDRAM [15:0]
SDRAM_F
PCICLK [5:0]
PCICLK_F
X1
X2
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
STOP
÷2
STOP
STOP
POR
SDATA
SCLK
FS[3:0]
MODE
{
I C
2
Control
Logic
Config.
Reg.
REF [1:0]
24MHz
LATCH
1
2
2
16
66
4
BUFFERIN
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Similar Part No. - ICS9250-08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9250-08 RENESAS-ICS9250-08 Datasheet
471Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
More results

Similar Description - ICS9250-08

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com