Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-5140WG_2015 Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPS-5140WG_2015
Description  622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-5140WG_2015 Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPS-5140WG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-5140WG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-5140WG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-5140WG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-5140WG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPS-5140WG
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008 V2.0
5
Revision History
Version
Subject
Release Date
1.0
Initial datasheet
2005/12/1
2.0
Revise package diagram for high port density use
2008/1/1


Similar Part No. - SPS-5140WG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5140WG OPTOWAY-SPS-5140WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-5140WG OPTOWAY-SPS-5140WG_15 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-5140WG_2015

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5120WG_2015 OPTOWAY-SPS-5120WG_2015 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120W-CXX0G_2015 OPTOWAY-SPS-53120W-CXX0G_2015 Datasheet
150Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160WG OPTOWAY-SPS-53160WG_15 Datasheet
149Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160WG_2015 OPTOWAY-SPS-53160WG_2015 Datasheet
149Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200W-CXX0G_2015 OPTOWAY-SPS-53200W-CXX0G_2015 Datasheet
150Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120WG_2015 OPTOWAY-SPS-53120WG_2015 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380W_2015 OPTOWAY-SPS-5380W_2015 Datasheet
150Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140WG OPTOWAY-SPS-5140WG_15 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-53160W-CXX0G_2015 OPTOWAY-SPS-53160W-CXX0G_2015 Datasheet
150Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380WG OPTOWAY-SPS-5380WG_15 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120WG OPTOWAY-SPS-53120WG_15 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com