Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250YG-22-T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9250YG-22-T
Description  Frequency Generator for P IV?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250YG-22-T Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9250YG-22-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9250YG-22-T Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
ICS9250-22
Third party brands and names are the property of their respective owners.
Electrical Characteristics - CPU
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP2B
1
VO = VDD*(0.5)
714
Output Impedance
RDSN2B
1
VO = VDD*(0.5)
714
Output High Voltage
VOH2B
IOH = -1 mA
2
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.4
V
Output High Current
IOH2B
2
V OH@MIN = 1.0 V, V OH@MAX = 2.375 V
-27
-27
mA
Output Low Current
IOL2B
2
VOL @MIN = 1.2 V, VOL @MAX = 0.3 V
27
30
mA
Rise Time
tr2B
1
VOL = 20%, VOH = 80%
175
500
700
ps
Fall Time
tf2B
1
VOH = 80%, VOL = 20%
175
500
700
ps
Duty Cycle
dt2B
1
VT = 50%
45
51
55
%
Skew
tsk2B
1
VT = 50%
110
150
ps
Jitter
tjcyc-cyc
1
VT = 50%
110
200
ps
1Guaranteed by design, not 100% tested in production.
2 I
OWT can be varied and is selectable thru the MULTSEL pin.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
12
33
55
Output High Voltage
VOH
1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
1
IOL = 1 mA
0.55
V
Output High Current
IOH
1
V OH@MIN = 1.0 V, V OH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
1
VOL @MIN = 1.95 V, VOL @MAX = 0.4 V
30
38
mA
Rise Time
tr1
1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.4
2
ns
Fall Time
tf1
1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.4
2
ns
Duty Cycle
dt1
1
VT = 1.5 V
45
51
55
%
Skew
tsk1
1
VT = 1.5 V
270
500
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
115
500
ps
1Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS9250YG-22-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250YG-38-T ICST-ICS9250YG-38-T Datasheet
136Kb / 18P
   Frequency Generator with 200MHz Differential CPU Clocks
More results

Similar Description - ICS9250YG-22-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952302 ICST-ICS952302 Datasheet
128Kb / 15P
   Frequency Generator for TransmetaTM
logo
Integrated Device Techn...
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
   Frequency Timing Generator for Peripherals
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
   Frequency Generator for Workstation Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
   Frequency Generator for Workstation Systems
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
   Frequency Timing Generator for Peripherals
07/16/14
logo
Integrated Device Techn...
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
   FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Renesas Technology Corp
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
   Frequency Timing Generator for Peripherals
04/23/15
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
   Frequency Generator for Modem Systems
logo
Integrated Device Techn...
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
   Frequency Timing Generator for Peripherals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com