Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD15100 Datasheet(PDF) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # STD15100
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STD15100 Datasheet(HTML) 7 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STD15100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STD15100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STD15100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STD15100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STD15100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd STD15100 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd STD15100 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd STD15100 Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1038, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST15100
STB15100
STF15100
STD15100
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Forward Voltage Drop (V)
0.001
0.010
0.100
1.000
10.000
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
10
100
1000
10000
5
10
15
20
25
30
35
40
Reverse Voltage (V)
Fig.2-Typical Reverse Characteristics
Fig.3-Typical Instantaneous Forward Voltage Characteristics
Fig.1-Typical Junction Capacitance
TJ=125℃
TJ=25℃
TJ=25℃
TJ=25℃
TJ=125℃


Similar Part No. - STD15100

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
STD15100 SMCDIODE-STD15100 Datasheet
633Kb / 7P
   SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
STD15100C SMC-STD15100C Datasheet
195Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STD15100C SMCDIODE-STD15100C Datasheet
396Kb / 6P
   SCHOTTKY RECTIFIER
Rev. B
More results

Similar Description - STD15100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com