Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9250YF-29-T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9250YF-29-T
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250YF-29-T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9250YF-29-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 10Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 11Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 12Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 13Page - Integrated Circuit Systems ICS9250YF-29-T Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
ICS9250-29
Electrical Characteristics - IOAPIC
T
A = 0 - 70C;VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
R
DSP4B
1
V
O = VDD*(0.5)
9
30
Output Impedance
R
DSN4B
1
V
O = VDD*(0.5)
9
30
Output High Voltage
V
OH4B
I
OH = -1 mA
2
V
Output Low Voltage
V
OL4B
I
OL = 1 mA
0.4
V
Output High Current
I
OH4B
V
OH@ min = 1.0 V, VOH@ MAX = 2.375 V
-27
-27
mA
Output Low Current
I
OL4B
V
OL@ MIN = 1.2 V, VOL@ MAX= 0.3V
27
30
mA
Rise Time
t
r4B
1
V
OL = 0.4 V, VOH = 2.0 V
0.4
1.09
1.6
ns
Fall Time
t
f4B
1
V
OH = 2.0 V, VOL = 0.4 V
0.4
1.22
1.6
ns
Duty Cycle
d
t4B
1
V
T = 1.25 V
45
50.2
55
%
Jitter
t
jcyc-cyc
1
V
T = 1.25 V
500
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
T
A = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%, CL = 20 - 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
R
DSP3
1
V
O = VDD*(0.5)
10
24
Output Impedance
R
DSN3
1
V
O = VDD*(0.5)
10
24
Output High Voltage
V
OH3
I
OH = -1 mA
2.4
V
Output Low Voltage
V
OL3
I
OL = 1 mA
0.4
V
Output High Current
I
OH3
V
OH @MIN= 2.0 V, VOH@ MAX=3.135 V
-54
-46
mA
Output Low Current
I
OL3
V
OL@ MIN= 1.0 V, VOL@ MAX=0.4 V
49
53
mA
Rise Time
t
r3
1
V
OL = 0.4 V, VOH = 2.4 V
0.4
1.19
1.6
ns
Fall Time
t
f3
1
V
OH = 2.4 V, VOL = 0.4 V
0.4
1.43
1.6
ns
Duty Cycle
d
t3
1
V
T = 1.5 V
45
54.9
55
%
Skew
t
sk3
1
V
T = 1.5 V
250
ps
Jitter
t
jcyc-cyc
1
V
T = 1.5 V
250
ps
1Guarenteed by design, not 100% tested in production.


Similar Part No. - ICS9250YF-29-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250YF-23 ICST-ICS9250YF-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
logo
Renesas Technology Corp
ICS9250YF-23 RENESAS-ICS9250YF-23 Datasheet
369Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250YF-25-T ICST-ICS9250YF-25-T Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250YF-26-T ICST-ICS9250YF-26-T Datasheet
223Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250YF-27-T ICST-ICS9250YF-27-T Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results

Similar Description - ICS9250YF-29-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9250-28 ICST-ICS9250-28 Datasheet
198Kb / 17P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com