Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMU15A Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SMU15A
Description  1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SMU15A Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SMU15A Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SMU15A Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL=110 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SMU11A THRU SMU17A
VOLTAGE RANGE
50 to 600 Volts
CURRENT
1.0 Ampere
1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Super fast recovery time for high speed switching
Operating and Storage Temperature Range TJ, TSTG
DO-214AC(SMA)
Dimensions in inches and (millimeters)
.205(5.20)
.189(4.80)
.177(4.50)
.157(3.99)
.012(0.31)
.006(0.15)
.058(1.47)
.052(1.32)
.087(2.20)
.071(1.80)
.060(1.52)
.030(0.76)
.110(2.79)
.100(2.54)
.005
(.127)
MAX.
1.0
30
5.0
500
10
-65
+150
A
A
V
nS
pF
35
SMU11A SMU12A SMU13A SMU14A SMU15A SMU16A SMU17A
UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.3
1.7
C
A
A
442


Similar Part No. - SMU15A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SMU15A UNIOHM-SMU15A Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
More results

Similar Description - SMU15A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
SUF11MH SECOS-SUF11MH Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A Datasheet
58Kb / 2P
   1.0 AMP. Super Fast Surface Mount Rectifiers
ES1A TSC-ES1A_10 Datasheet
440Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SSU11 GWSEMI-SSU11 Datasheet
67Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF101RT SECOS-SUF101RT Datasheet
323Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL_10 Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M_15 Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
SUF11FL SECOS-SUF11FL_15 Datasheet
279Kb / 3P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_1 Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com