Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMU32B Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SMU32B
Description  3.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SMU32B Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SMU32B Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SMU32B Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TL=100 C
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
SMU31B THRU SMU37B
VOLTAGE RANGE
50 to 600 Volts
CURRENT
3.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Super fast recovery time for high speed switching
Operating and Storage Temperature Range TJ, TSTG
Dimensions in inches and (millimeters)
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
DO-214AA(SMB)
3.0
125
5.0
500
45
-65
+150
A
A
V
nS
pF
35
SMU31B SMU32B SMU33B SMU34B SMU35B SMU36B SMU37B
UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.3
1.7
C
A
A
448
3.0 Amperes


Similar Part No. - SMU32B

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SMU32C GWSEMI-SMU32C Datasheet
69Kb / 2P
   3.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
More results

Similar Description - SMU32B

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SMU31C GWSEMI-SMU31C Datasheet
69Kb / 2P
   3.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF301C SECOS-SUF301C_15 Datasheet
374Kb / 2P
   3.0 Amp Surface Mount Super Fast Recovery Rectifiers
logo
Formosa MS
SF38 FORMOSA-SF38 Datasheet
65Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
SF31 FORMOSA-SF31 Datasheet
36Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF31 UNIOHM-SF31 Datasheet
70Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF31 YIXIN-SF31 Datasheet
262Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
31DF4 LUGUANG-31DF4 Datasheet
183Kb / 2P
   3.0 AMP. Super Fast Rectifiers
logo
Bytes
SF31 BYTES-SF31 Datasheet
161Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
SF31 DGNJDZ-SF31 Datasheet
324Kb / 2P
   3.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com