Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1422S Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK1422S
Description  OPL3/4Codec Portable Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1422S Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK1422S Datasheet HTML 1Page - Integrated Circuit Systems MK1422S Datasheet HTML 2Page - Integrated Circuit Systems MK1422S Datasheet HTML 3Page - Integrated Circuit Systems MK1422S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK1422
OPL3/4+Codec Portable Clock Source
MDS 1422 B
4
Revision 080698
Printed 11/15/00
Integrated Circuit Systems•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
While the information presented herein has been checked for both accuracy and reliability, MicroClock Incorporated assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in
normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by MicroClock. MicroClock reserves the right to change any circuitry or specifications without notice. MicroClock does not
authorize or warrant any MicroClock product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
Q
0.004
0.01
0.102
0.254
8 pin SOIC
Ordering Information
Part/Order Number
Marking
Package
Temperature
MK1422S
MK1422S
8 pin SOIC
0 to 70 C
MK1422STR
MK1422S
Add tape and reel
0 to 70 C
c
A
b
D
E
H
e
h x 45°
Q
Pin 1


Similar Part No. - MK1422S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1420S ICST-MK1420S Datasheet
29Kb / 4P
   OPL3, OPL4 Codec Clock Source
MK1420STR ICST-MK1420STR Datasheet
29Kb / 4P
   OPL3, OPL4 Codec Clock Source
More results

Similar Description - MK1422S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1418 ICST-MK1418 Datasheet
29Kb / 4P
   OPL3, OPL4 Codec Clock Source
logo
Integrated Device Techn...
ACS422MX68 IDT-ACS422MX68 Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
ACS522D01 IDT-ACS522D01 Datasheet
1Mb / 72P
   PORTABLE CONSUMER CODEC
ACS422MX00 IDT-ACS422MX00 Datasheet
1Mb / 90P
   PORTABLE CONSUMER CODEC
ACS422X67 IDT-ACS422X67 Datasheet
1Mb / 87P
   PORTABLE CONSUMER CODEC
ACS42200 IDT-ACS42200 Datasheet
1Mb / 89P
   PORTABLE CONSUMER CODEC
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
   NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
   AUDIO CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
   Networking Clock Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com