Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR5100 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SR5100
Description  5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SR5100 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SR5100 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SR5100 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SR520 THRU SR5100)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
1.0
2.0
3.0
4.0
5.0
6.0
.1
.3
.5
.7
.9
1.1
1.3
1.5
3.0
Tj=25 C
0
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
60
30
0
90
150
120
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
LEAD TEMPERATURE,( C)
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
.1
1.0
10
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=25 C
Tj=100 C
0
20
40
60
80
100
120
140
160
180
200
29


Similar Part No. - SR5100

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR5100 MOSPEC-SR5100 Datasheet
231Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
PACELEADER INDUSTRIAL
SR5100 PACELEADER-SR5100 Datasheet
657Kb / 2P
   5.0AMP SCHOTTKY BARRIER RECTIFIERS- 20~200Volts
logo
SeCoS Halbleitertechnol...
SR5100 SECOS-SR5100 Datasheet
378Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
RFE international
SR5100 RFE-SR5100 Datasheet
1Mb / 3P
   Schottky Barrier Rectifiers
10-26-2022
logo
Nanjing International G...
SR5100 DGNJDZ-SR5100 Datasheet
467Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR5100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580L.5A-DO-27 DGNJDZ-SR580L.5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5200L-5A-DO-27 DGNJDZ-SR5200L-5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB520-5A-DO-27 DGNJDZ-SB520-5A-DO-27 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com