Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR860D Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SR860D
Description  8.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SR860D Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SR860D Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SR860D Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
SR820D THRU SR860D
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
32
VOLTAGE RANGE
20 to 60 Volts
CURRENT
8.0 Amperes
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Typical Thermal Resistance R JC (Note 2)
Operating
Storage Temperature Range TSTG
Temperature Range TJ
at Tc=95 C
V
V
UNITS
V
SR820D
SR830D
SR840D
SR850D
SR860D
20
30
40
50
60
20
30
40
50
60
14
21
28
35
42
8.0
150
A
A
V
0.75
0.62
0.5
50
mA
mA
3.0
pF
700
-65
+150
-65
+150
C
C
C/W
DO-27
Dimensions in inches and (millimeters)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.375(9.5)
.285(7.2)
.052(1.3)
.048(1.2)
DIA.
.220(5.6)
.197(5.0)
DIA.


Similar Part No. - SR860D

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SR860 YFWDIODE-SR860 Datasheet
423Kb / 3P
   Schottky Barrier Rectifiers
logo
Rectron Semiconductor
SR860 RECTRON-SR860 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
CHENG-YI ELECTRONIC CO....
SR860 CHENG-YI-SR860 Datasheet
143Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR860 DGNJDZ-SR860 Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SR860 ZSELEC-SR860 Datasheet
200Kb / 2P
   8.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SR860D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR8150E SECOS-SR8150E Datasheet
187Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
SR8200E SECOS-SR8200E Datasheet
340Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR8150 GWSEMI-SR8150 Datasheet
70Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF8150 GWSEMI-SRF8150 Datasheet
71Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SRF820 DGNJDZ-SRF820 Datasheet
482Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840-8A-TO-220AC DGNJDZ-SR840-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR850-8A-TO-220AC DGNJDZ-SR850-8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB860-8A-TO-220AC DGNJDZ-SB860-8A-TO-220AC Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR840.8A-TO-220AC DGNJDZ-SR840.8A-TO-220AC Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB8100-8A-TO-220AC DGNJDZ-SB8100-8A-TO-220AC Datasheet
379Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR8100E SECOS-SR8100E Datasheet
458Kb / 2P
   8.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com