Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9630 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9630
Description  Low Distortion 750 MHz Closed-Loop Buffer Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9630 Datasheet(HTML) 3 Page - Analog Devices

  AD9630_15 Datasheet HTML 1Page - Analog Devices AD9630_15 Datasheet HTML 2Page - Analog Devices AD9630_15 Datasheet HTML 3Page - Analog Devices AD9630_15 Datasheet HTML 4Page - Analog Devices AD9630_15 Datasheet HTML 5Page - Analog Devices AD9630_15 Datasheet HTML 6Page - Analog Devices AD9630_15 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AD9630
–3–
REV. B
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltages (
±V
S) . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
Continuous Output Current
2 . . . . . . . . . . . . . . . . . . . . . 70 mA
Temperature Range over Which Specifications Apply
AD9630AN/AR . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Lead Soldering Temperature (10 sec) . . . . . . . . . . . . . +300
°C
Storage Temperature
AD9630AN/AR . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature
3
AD9630AN/AR . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and
beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating
conditions for an extended period of time may affect device reliability.
2Output is short-circuit protected to ground, but not to supplies. Prolonged short
circuit to ground may affect device reliability.
3Typical thermal impedances (part soldered onto board): Plastic DIP (N):
θ
JA =
110
°C/W; θ
JC = 30°C/W; SOIC (R): θJA = 155°C/W; θJC = 40°C/W.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD9630AN
–40
°C to +85°C 8-Lead Plastic DIP N-8
AD9630AR
–40
°C to +85°C 8-Lead SOIC
SO-8
AD9630AR-REEL –40
°C to +85°C13" Tape and Reel SO-8
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9630 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
EXPLANATION OF TEST LEVELS
Test Level
I
100% Production tested.
II
100% Production tested at +25
°C and sample tested at
specified temperatures. AC testing of AN and AR grades
done on sample basis only.
III Sample tested only.
IV Parameter is guaranteed by design and characterization
testing.
V
Typical value.
VI S Versions are 100% production tested at temperature
extremes. Other grades are sample tested at extremes.
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
AD9630
NC
NC
NC
NC
100
(5%, 0.25W)
24
(5%, 0.25W)
+5V
–5.2V
0.1 F
0.1 F
AD9630 Burn-In Circuit
THEORY OF OPERATION
The AD9630 is a wide-bandwidth, closed-loop, unity-gain
buffer that makes use of a new voltage-feedback architecture.
This architecture brings together wide bandwidth and high slew
rate along with exceptional dc linearity. Most previous wide-
bandwidth buffers achieved their bandwidth by utilizing an
open-loop topology which sacrificed both dc linearity and fre-
quency distortion when driven into low load impedances. The
design’s high loop correction factor radically improves dc lin-
earity and distortion characteristics without diminishing
bandwidth. This, in combination with high slew rate, results in
exceptionally low distortion over a wide frequency range.
The AD9630 is an excellent choice to drive high speed and high
resolution analog-to-digital converters. Its output stage is de-
signed to drive high speed flash converters with minimal or no
series resistance. A current booster built into the output driver
helps to maintain low distortion.
Parasitic or load capacitance (>7 pF) connected directly to the
AD9630 output will result in frequency peaking. A small series
resistor (RS) connected between the buffer output and capaci-
tive load will negate this effect. Figure 1 shows the optimal value
of RS as a function of CL to obtain the flattest frequency re-
sponse. Figure 2 illustrates frequency response for various
capacitive loads utilizing the recommended RS.
CL – pF
50
40
0
0
100
20
40
60
80
30
20
10
7
RS
CL
200
"R"
NO RS NEEDED
WHEN CL < 7pF;
FOR CL > 30pF, "R"
CAN BE OMITTED
Figure 1. Recommended RS vs. CL
WARNING!
ESD SENSITIVE DEVICE
OBSOLETE


Similar Part No. - AD9630_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9630AN AD-AD9630AN Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630AR AD-AD9630AR Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
AD9630AR-REEL AD-AD9630AR-REEL Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
More results

Similar Description - AD9630_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9630 AD-AD9630 Datasheet
101Kb / 7P
   Low Distortion 750 MHz Closed-Loop Buffer Amp
REV. B
logo
Intersil Corporation
HFA1110 INTERSIL-HFA1110_06 Datasheet
184Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
HFA1110 INTERSIL-HFA1110 Datasheet
90Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
February 1999
logo
Renesas Technology Corp
HFA1110 RENESAS-HFA1110 Datasheet
467Kb / 9P
   750MHz, Low Distortion Unity Gain, Closed Loop Buffer
logo
Elantec Semiconductor
EL2072C ELANTEC-EL2072C Datasheet
219Kb / 8P
   730 MHz Closed Loop Buffer
logo
National Semiconductor ...
CLC109 NSC-CLC109 Datasheet
171Kb / 6P
   Low-Power, Wideband, Closed-Loop Buffer
logo
Intersil Corporation
EL2072 INTERSIL-EL2072 Datasheet
96Kb / 6P
   730MHz Closed Loop Buffer
logo
National Semiconductor ...
LH4006 NSC-LH4006 Datasheet
180Kb / 6P
   Precision RF Closed Loop Buffer
CLC115 NSC-CLC115 Datasheet
350Kb / 6P
   Quad, Closed-Loop Monolithic Buffer
LMH6559 NSC-LMH6559 Datasheet
1Mb / 22P
   High-Speed, Closed-Loop Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com