Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM205 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM205
Description  CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM205 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM205_15 Datasheet HTML 2Page - Analog Devices ADM205_15 Datasheet HTML 3Page - Analog Devices ADM205_15 Datasheet HTML 4Page - Analog Devices ADM205_15 Datasheet HTML 5Page - Analog Devices ADM205_15 Datasheet HTML 6Page - Analog Devices ADM205_15 Datasheet HTML 7Page - Analog Devices ADM205_15 Datasheet HTML 8Page - Analog Devices ADM205_15 Datasheet HTML 9Page - Analog Devices ADM205_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM205–ADM211/ADM213
REV. 0
–6–
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
623
Top View
(Not to Scale)
13
14
16
15
ADM211
R2
OUT
R2
IN
R5
IN
T4
IN
R3
IN
T1
OUT
T2
OUT
T3
OUT
T4
OUT
R5
OUT
V+
V–
V
CC
C1+
C1–
C2+
C2–
GND
SD
R3
OUT
EN
T3
IN
R4
IN
R4
OUT
R1
IN
R1
OUT
T1
IN
T2
IN
Figure 11. ADM211 SOIC/SSOP Pin Configuration
ADM211
GND
10
SD
25
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
24
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
EN
R5
IN
R5
OUT
R5
18
19
R4
IN
R4
OUT
R4
23
22
R1
IN
R1
OUT
R1
R3
IN
R3
OUT
R3
27
26
9
R2
IN
R2
OUT
R2
4
5
8
T1
IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
T3
IN
T3
OUT
T3
20
7
2
1
T1
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
16
15
14
12
17
0.1
µF
16V
13
0.1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
0.1
µF
16V
0.1
µF
16V
T4
IN
T4
OUT
T4
21
28
11
0.1
µF
T2
IN
T2
OUT
6
3
T2
Figure 12. ADM211 Typical Operating Circuit
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
623
Top View
(Not to Scale)
13
14
16
15
ADM213
R2
OUT
R2
IN
R5
IN *
T4
IN
R3
IN
T1
OUT
T2
OUT
T3
OUT
T4
OUT
R5
OUT *
V+
V–
V
CC
C1+
C1–
C2+
C2–
GND
SD
R3
OUT
EN
T3
IN
R4
IN *
R4
OUT *
R1
IN
R1
OUT
T1
IN
T2
IN
* ACTIVE IN SHUTDOWN
Figure 13. ADM213 SOIC/SSOP Pin Configuration
ADM213
GND
10
SD
25
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
24
* INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
** INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
*** ACTIVE IN SHUTDOWN
EN
R5
IN ***
R5
OUT ***
R5
18
19
R4
IN ***
R4
OUT ***
R4
23
22
R1
IN
R1
OUT
R1
R3
IN
R3
OUT
R3
27
26
9
R2
IN
R2
OUT
R2
4
5
8
T1
IN
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
T3
IN
T3
OUT
T3
20
7
2
1
T1
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
16
15
14
12
17
0.1
µF
16V
13
0.1
µF
6.3V
+5V INPUT
V
CC
V+
V–
C1+
C1–
C2+
C2–
0.1
µF
16V
0.1
µF
16V
T4
IN
T4
OUT
T4
21
28
11
0.1
µF
T2
IN
T2
OUT
6
3
T2
Figure 14. ADM213 Typical Operating Circuit
OBSOLETE


Similar Part No. - ADM205_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205AN AD-ADM205AN Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
More results

Similar Description - ADM205_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM222 AD-ADM222_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM237L AD-ADM237L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM242 AD-ADM242_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com