Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7912 Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7912
Description  Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7912 Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7912_15 Datasheet HTML 1Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 2Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 3Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 4Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 5Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 6Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 7Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 8Page - Analog Devices EVAL-AD7912_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Evaluation Board for 1 MSPS,
2-Channel, 12-/10-Bit ADCs
EVAL-AD7912/AD7922
Rev. 0
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards are supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Full-featured evaluation board for the AD7912/AD7922
EVAL-CONTROL-BRD2 compatible
Standalone capability
On-board analog buffering and reference
Various linking options
PC software for control and data analysis when used
with EVAL-CONTROL-BRD2
GENERAL DESCRIPTION
This data sheet describes the evaluation board for the AD7912/
AD7922. The AD7912/AD7922 are 12- and 10-bit, high speed,
low power successive-approximation ADCs, respectively. The
parts operate from a single 2.35 V to 5.25 V power supply and
feature throughput rates up to 1 MSPS. Full data on the AD7912/
AD7922 is available in the AD7912/AD7922 data sheet, which
is available from Analog Devices, Inc., and should be consulted in
conjunction with this data sheet when using the evaluation board.
On-board components include an AD780 (a pin-programmable,
2.5 V or 3 V, ultrahigh precision band gap reference), an ADR435
(a high precision, low noise voltage reference, providing a 5 V
reference voltage), and a AD8022 (a dual op amp used to buffer
the analog inputs). There are various link options, which are
explained in detail in Table 1.
Interfacing to this board is done through a 96-way connector.
This 96-way connector is compatible with EVAL-CONTROL-
BRD2, which is also available from Analog Devices. External
sockets are provided for the SCLK, DIN, DOUT, and CS signals;
the bipolar input signals at the AIN and the VBIASED inputs of
the two bias-up circuits; and the two analog input channels
(VIN inputs).
FUNCTIONAL BLOCK DIAGRAM
VIN0
AD7912/AD7922
EVAL-AD7912/AD7922CB
EXTERNAL POWER
SUPPLY
BIAS-UP CIRCUIT
VBIASED
AIN
BIAS-UP CIRCUIT
VBIASED1
AIN1
VOLTAGE
REFERENCE
SCLK DOUT
DIN
CS
INPUT BUFFER
VIN1
ANALOG
INPUTS
VIN0
VIN1
SCLK
DOUT
DIN
CS
VDD
POWER SUPPLY
CIRCUIT
Figure 1.


Similar Part No. - EVAL-AD7912_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7910CB AD-EVAL-AD7910CB Datasheet
493Kb / 24P
   250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
REV. C
EVAL-AD7915SDZ AD-EVAL-AD7915SDZ Datasheet
561Kb / 26P
   16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
EVAL-AD7916SDZ AD-EVAL-AD7916SDZ Datasheet
561Kb / 26P
   16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
More results

Similar Description - EVAL-AD7912_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7476 AD-EVAL-AD7476 Datasheet
508Kb / 12P
   Evaluation Board for 1MSPS, 12-/ 10-Bit ADCs
REV. 0
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7475 AD-AD7475 Datasheet
218Kb / 16P
   1 MSPS, 12-Bit ADCs
REV. A
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7912 AD-AD7912_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7912 AD-AD7912 Datasheet
386Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
AD7922 AD-AD7922_15 Datasheet
392Kb / 32P
   2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
REV. 0
EVAL-AD7470 AD-EVAL-AD7470_15 Datasheet
712Kb / 20P
   Evaluation Board for 10-/12-Bit High Speed, Low Power ADCs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com