Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1443-02S Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK1443-02S
Description  SCSI and Ethernet Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1443-02S Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK1443-02S Datasheet HTML 1Page - Integrated Circuit Systems MK1443-02S Datasheet HTML 2Page - Integrated Circuit Systems MK1443-02S Datasheet HTML 3Page - Integrated Circuit Systems MK1443-02S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK1442/MK1443
SCSI and Ethernet Clock Source
MDS 1442/3 E
3
Revision 111500
Printed 11/15/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 •(408)297-1201tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 20 seconds
260
°C
Storage Temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5V unless noted)
DC CHARACTERISTICS (VDD = 5V unless noted)
Operating Voltage, VDD
3.0
5.5
V
Input High Voltage, VIH
OE (pin 10)
2.0
V
Input Low Voltage, VIL
OE (pin 10)
0.8
V
Input High Voltage, VIH
CPUS0,1 (pins 1,16)
VDD-0.5
V
Input Mid-level Voltage
CPUS0,1 (pins 1,16)
Leave pin unconnected or tri-stated
Leave pin unconnected or tri-stated
Leave pin unconnected or tri-stated
V
Input Low Voltage, VIL
CPUS0,1 (pins 1,16)
0.5
V
Output High Voltage, VOH
IOH=-4mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Input High Voltage, VIH
VDD=3.3V, OE pin
1.9
V
Input Low Voltage, VIL
VDD=3.3V, OE pin
0.4
V
Output High Voltage, VOH
VDD=3.3V, IOH=-8mA
2.4
V
Output Low Voltage, VOL
VDD=3.3V, IOL=8mA
0.4
V
Operating Supply Current, IDD
No Load, 80 MHz
35
mA
Short Circuit Current
Each output
±100
mA
On-Chip Pull-up Resistor
250
k
Input Capacitance
7
pF
Frequency Accuracy of 20.000 MHz clock
0-70°C, note 2
-1
1
ppm
AC CHARACTERISTICS (VDD = 5V unless noted)
AC CHARACTERISTICS (VDD = 5V unless noted)
Input Frequency
14.31818
MHz
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle, CPU and 2XCPU
1.5V, up to 67MHz
47.5
49 to 51
52.5
%
Output Clock Duty Cycle
At 1.5V
45
49 to 51
55
%
Cycle to Cycle Jitter
50-80 MHz clocks
250
ps
Skew of 2XCPU with respect to CPU
Rising edges at 1.5V
-250
0
250
ps
Transition time, 8MHz to 100MHz
VDD=3.3 or 5V
4
ms
Transition time, 100MHz to 8MHz
VDD=3.3 or 5V
2.5
ms
Output Enable Time, OE high to output on
VDD=3.3 or 5V
50
ns
Output Disable Time, OE low to tri-state
VDD=3.3 or 5V
3
µs
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Provided proper crystal and capacitor components are used - consult MicroClock.


Similar Part No. - MK1443-02S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
   Sound/SCSIFast Ethernet Clock
MK1449S ICST-MK1449S Datasheet
60Kb / 4P
   Sound/SCSIFast Ethernet Clock
MK1449SI ICST-MK1449SI Datasheet
60Kb / 4P
   Sound/SCSIFast Ethernet Clock
MK1449SITR ICST-MK1449SITR Datasheet
60Kb / 4P
   Sound/SCSIFast Ethernet Clock
MK1449STR ICST-MK1449STR Datasheet
60Kb / 4P
   Sound/SCSIFast Ethernet Clock
More results

Similar Description - MK1443-02S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
   Sound/SCSIFast Ethernet Clock
MK2014A ICST-MK2014A Datasheet
44Kb / 4P
   Fast Ethernet Clock Source
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
   ETHERNET SWITCH CLOCK SOURCE
REV E 051310
logo
Integrated Circuit Syst...
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
   ETHERNET SWITCH CLOCK SOURCE
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
   Fast Ethernet Clock Source
logo
Advanced Micro Devices
AM79C974 AMD-AM79C974 Datasheet
838Kb / 153P
   PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
logo
Renesas Technology Corp
ICS650-22 RENESAS-ICS650-22 Datasheet
325Kb / 7P
   PRV AND STB CLOCK SOURCE
REV F 051310
logo
Integrated Circuit Syst...
ICS650-22 ICST-ICS650-22 Datasheet
135Kb / 5P
   PVR and STB Clock Source
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com