Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ3470 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # PQ3470
Description  3-Phase Graphical Power and Harmonics Analyzer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

PQ3470 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  PQ3470_15 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2011-2014 FLIR Systems, Inc. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
6/17/14 - R1
Saves data on an SD card in Excel® format
For easy transfer to a PC for analysis
3-Phase Graphical Power and
Harmonics Analyzer
Ordering Information:
PQ3470........3-Phase Power & Harmonics Analyzer/Datalogger
PQ34-2 ........200A Current Clamp Probes (set of 3)
PQ34-12 ......1200A Current Clamp Probes (set of 3)
PQ34-30 ......3000A Flexible Current Clamp Probes (set of 3)
PQ1000........Voltage Test Leads with Alligator Clips (4 leads)
Available Kits:
PQ3470-2 ....200A Power Analyzer Kit: PQ3470 with PQ34-2
PQ3470-12 ..1200A Power Analyzer Kit: PQ3470 with PQ34-12
PQ3470-30 ..3000A Power Analyzer Kit: PQ3470 with PQ34-30
Features:
Large dot-matrix, sun-readable, graphical, backlit LCD
Full system analysis with up to 35 parameters
- V (phase-to-phase), V (phase-to-ground)
- A (phase-to-ground)
- KW / KVA / KVAR / PF (phase)
- KW / KVA / KVAR / PF (system)
- KWH / KVAH / KVARH / PFH (system)
- Phase angle
Select 200A, 1200A Current Clamps or 3000A Flexible
Current Probes (sold separately)
Adjustable Current Transformer CT (1 to 600) and
Potential Transformer PT (1 to 1000) ratio for high
power distribution systems
On-screen Harmonics display (1 to 50th order)
Simultaneous display of Harmonics and Waveform
Display of Waveform with peak values
Analysis of Total Harmonic Distortion (THD)
Graphic Phase diagram with 3-Phase system parameters
3-phase Voltage or Current Unbalanced Ratio (VUR, AUR)
and unbalanced factor
Capture Transient events (including dip, swell, and outage)
with programmable threshold (%)
Log up to 30,000 readings on a removable SD memory
card in Microsoft Excel
® format
Wide sampling rate range (2 seconds to 2 hours)
Captured measurements can be imported
directly into Excel via the SD memory card
Built-in Clock and Calendar
Easy-to-use onscreen menu
Easy-to-hold rugged over molded housing
Specifications
Range
Basic Accuracy
AC Voltage (True rms)
600.0V
±(0.5%rdg)
AC Current
3000A
±(0.5%rdg)
Active Power (MW)
9.999MW
±(1.0%rdg)
Apparent Power (MVA)
9.999MVA
±(1.0%rdg)
Reactive Power (MVAR)
9.999MVAR
±(1.0%rdg)
Power Factor
0.00 to 1.00
±0.04
Frequency Range
45Hz to 65Hz
±0.1Hz
Phase
-180° to +180.0°
±1°
Harmonics
1 to 50th
±2% (1 to 20); ±4% (21 to 31)
Crest Factor
1.00 to 99.99
±(5%)
Current Clamp input
200mV, 300mV, 500mV
±(0.5%rdg)
1V, 2V, 3V; user-selectable
Peak AC Voltage Accuracy
±(5%)
Peak AC Current Accuracy
±(5%)
Active Power Energy (MWH)
0.0kWh to 9.999MWH
±(2.0%rdg)
Apparent Power Energy (MVAH)
0.0KVAh to 9.999MVAH
±(2.0%rdg)
Reactive Power Energy (MVARH)
0.0kVARh to 9.999MVARH
±(2.0%rdg)
Datalogging
30,000 readings (2GB SD memory Card)
Dimensions/Weight
8.86 x 4.92 x 2.52" (225 x 125 x 64mm) / 2.2lbs (1010g)
Backlit LCD displays numerical values. The data can be stored in SD memory card (included)
and then transferred from meter to PC using Excel
® software and datalogged readings.
Model PQ34-30
3000A (24”/600mm) Flexible
Current Clamp Probes for
wrapping around busbars
Model PQ34-12
1200A Current Clamp
Probes with 2” (50mm)
jaw size
Model PQ34-2
200A Current Clamp
Probes with 0.8" (19mm)
jaw size
Clamp Probes (Sold Separately)
Choose the best clamp probes to fit your application needs ranging from 200A to 3000A
and flexible vs traditional jaw type.
Complete with 4 voltage leads with
alligator clips, 8 AA batteries, SD memory
card, Universal AC adaptor (100 to 240V),
and case. Clamp probes sold separately.


Similar Part No. - PQ3470_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
PQ3470 EXTECH-PQ3470 Datasheet
468Kb / 1P
   3-Phase Graphical Power and Harmonics Analyzer
More results

Similar Description - PQ3470_15

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
PQ3470 EXTECH-PQ3470 Datasheet
468Kb / 1P
   3-Phase Graphical Power and Harmonics Analyzer
382095 EXTECH-382095 Datasheet
335Kb / 1P
   1000A 3-Phase Power & Harmonics Analyzer
PQ3350-3 EXTECH-PQ3350-3_15 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3350-1 EXTECH-PQ3350-1 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3350-1 EXTECH-PQ3350-1_15 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3350-3 EXTECH-PQ3350-3 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3450 EXTECH-PQ3450 Datasheet
478Kb / 1P
   3-Phase Power Analyzer/Datalogger
382100 EXTECH-382100 Datasheet
325Kb / 1P
   1200A 3-Phase Power Analyzer/Datalogger
382091 EXTECH-382091_15 Datasheet
312Kb / 1P
   1000A 3-Phase Power Analyzer/Datalogger
382090 EXTECH-382090 Datasheet
296Kb / 1P
   1000A 3-Phase Power Analyzer/Datalogger
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com