Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR205G Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # FR205G
Description  2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

FR205G Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  FR205G Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . FR205G Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=55 C
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
2.0
60
5.0
100
40
-65
+150
V
A
A
V
nS
pF
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
1.3
250
500
150
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
2.0 Amperes
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Operating and Storage Temperature Range TJ, TSTG
C
FR201G THRU FR207G
2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
FEATURES
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Glass passivated junction
FR201G FR202G FR203G FR204G FR205G FR206G FR207G
UNITS
A
A
182


Similar Part No. - FR205G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR205G RECTRON-FR205G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FR205G FORMOSA-FR205G Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
DAESAN ELECTRONIC CORP.
FR205G DAESAN-FR205G Datasheet
274Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
FR205G LUGUANG-FR205G Datasheet
179Kb / 2P
   2.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
FR205G JGD-FR205G Datasheet
138Kb / 2P
   2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - FR205G

ManufacturerPart #DatasheetDescription
logo
Bytes
FR201G BYTES-FR201G Datasheet
153Kb / 2P
   2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR201G FORMOSA-FR201G Datasheet
33Kb / 2P
   2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR201G UNIOHM-FR201G Datasheet
66Kb / 2P
   2.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
First Components Intern...
RGFZ20A FCI-RGFZ20A Datasheet
143Kb / 2P
   2.0 Amp Glass Passivated Sintered Fast Recovery Rectifiers Mechanical Dimensions
logo
Thinki Semiconductor Co...
ES2AA THINKISEMI-ES2AA Datasheet
404Kb / 2P
   2.0 Amp Surface Mount Glass Passivated Super Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SF21G GWSEMI-SF21G Datasheet
72Kb / 2P
   2.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF21G LUGUANG-SF21G Datasheet
170Kb / 2P
   2.0 AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
FR201G TSC-FR201G_10 Datasheet
551Kb / 2P
   2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
FR201G SECOS-FR201G Datasheet
167Kb / 2P
   2.0 A, Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR201G TSC-FR201G_1 Datasheet
66Kb / 2P
   2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com