Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2049-01SI Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # MK2049-01SI
Description  Communications Clock PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-01SI Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button MK2049-01SI Datasheet HTML 3Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 4Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 5Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 6Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 7Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 8Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 9Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 10Page - Integrated Circuit Systems MK2049-01SI Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MK2049-01
Communications Clock PLL
MDS 2049-01 J
10
Revision 040601
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel •www.icst.com
Input Jitter
Measured Jitter Output (UIp-p)
Measured Jitter Output (UIp-p)
Modulation
Input Jitter
Output Jitter
Jitter
Frequency
Magnitude
Magnitude
Attenuation
(Hz)
(UIp-p)
(UIp-p)
(dB)
20
1.5
0.018
38.42
50
1.5
0.014
40.60
100
1.5
0.01
43.52
200
1.5
0.01
43.52
500
1.5
0.007
46.62
1000
1.5
0.006
47.96
2000
1.5
0.006
47.96
5000
0.72
0.006
41.58
10000
0.36
0.006
35.56
15000
0.24
0.006
32.04
25000
0.20
0.006
30.46
50000
0.20
0.006
30.46
75000
0.20
0.006
30.46
Table 3. Jitter results for an E1 (2.048 MHz) reference frequency, as
measured on the HP3785A (100 Hz -800 kHz output filter).
Table 4. Jitter results for an E3 (34.368 MHz) reference frequency, as
measured on the HP3785A (100 Hz - 800 kHz output filter).
Input Jitter
Measured Jitter Output (UIp-p)
Measured Jitter Output (UIp-p)
Modulation
Input Jitter
Output Jitter
Jitter
Frequency
Magnitude
Magnitude
Attenuation
(Hz)
(UIp-p)
(UIp-p)
(dB)
100
1.5
0.113
22.46
200
1.5
0.094
24.06
500
1.5
0.077
25.79
1000
1.5
0.069
26.74
2000
1.5
0.07
26.62
5000
0.72
0.068
20.5
10000
0.36
0.007
34.22
15000
0.24
0.007
30.7
25000
0.2
0.007
29.12
50000
0.2
0.007
29.12
75000
0.2
0.007
29.12
100000
0.2
0.007
29.12


Similar Part No. - MK2049-01SI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02S ICST-MK2049-02S Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02SI ICST-MK2049-02SI Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02SITR ICST-MK2049-02SITR Datasheet
148Kb / 12P
   Communications Clock PLLs
MK2049-02STR ICST-MK2049-02STR Datasheet
148Kb / 12P
   Communications Clock PLLs
More results

Similar Description - MK2049-01SI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
   3.3 V Communications Clock PLL
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
   Frame Rate Communications PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com