Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2049-34SI Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2049-34SI
Description  3.3 V Communications Clock PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-34SI Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2049-34SI Datasheet HTML 1Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 2Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 3Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 4Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 5Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 6Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 7Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 8Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MK2049-34
3.3 V Communications Clock PLL
MDS 2049-34 C
3
Revision 121400
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (Note 1)
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
-0.5
VDD+0.5
V
Ambient Operating Temperature
MK2049-34SI
-40
85
°C
Soldering Temperature
Max of 10 seconds
250
°C
Storage Temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
Operating Voltage, VDD
3.15
3.3
3.45
V
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Output High Voltage, VOH, CMOS level
IOH=-4 mA
VDD-0.4
V
Output High Voltage, VOH
IOH=-8 mA
2.4
V
Output Low Voltage
IOL=8 mA
0.4
V
Operating Supply Current, IDD
No Load, VDD=3.3 V
7
mA
Short Circuit Current
Each output
±50
mA
Input Capacitance, FS3:0
5
pF
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
Input Frequency, External Mode
ICLK
8.000
kHz
Input Clock Pulse Width
10
ns
Propagation Delay
ICLK to CLK
0
6
ns
Output-Output Skew
CLK to CLK/2
150
ps
Output Clock Rise Time
0.8 to 2.0 V
2
ns
Output Clock Fall Time
2.0 to 0.8 V
2
ns
Output Clock Duty Cycle, High Time
At VDD/2, except 8K
40
60
%
Actual mean frequency error versus target
Any clock selection
0
0
ppm
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
Electrical Specifications


Similar Part No. - MK2049-34SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-34SI RENESAS-MK2049-34SI Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
MK2049-34SITR RENESAS-MK2049-34SITR Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
More results

Similar Description - MK2049-34SI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
   3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com