Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2049-34SI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2049-34SI
Description  3.3 V Communications Clock PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2049-34SI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2049-34SI Datasheet HTML 1Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 2Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 3Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 4Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 5Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 6Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 7Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 8Page - Integrated Circuit Systems MK2049-34SI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MK2049-34
3.3 V Communications Clock PLL
MDS 2049-34 C
1
Revision 121400
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel• www.icst.com
• Packaged in 20 pin SOIC
• 3.3 V ±5% operation
• Fixed I/O phase relationship on all selections
• Meets the TR62411, ETS300 011, and GR-1244
specification for MTIE, Pull-in/Hold-in Range,
Phase Transients, and Jitter Generation for
Stratum 3, 4, and 4E
• Accepts multiple inputs: 8 kHz backplane clock,
Loop Timing frequencies, or 10-36 MHz
• Locks to 8 kHz ±100 ppm (External mode)
• Buffer Mode allows jitter attenuation of
10–36 MHz input and x1/x0.5 or x2/x4 outputs
• Exact internal ratios enable zero ppm error
• Output clock rates include T1, E1, T3, E3, ISDN,
xDSL, and OC3 submultiples
• See the MK2049-01, -02, and -03 for more
selections at VDD = 5 V
The MK2049-34 is a Phase-Locked Loop (PLL)
based clock synthesizer that accepts multiple input
frequencies. With an 8 kHz clock input as a
reference, the MK2049-34 generates T1, E1, T3,
E3, ISDN, xDSL, and other communications
frequencies. This allows for the generation of
clocks frequency-locked and phase-locked to an
8 kHz backplane clock, simplifying clock
synchronization in communications systems. The
MK2049-34 can also accept a T1 or E1 input clock
and provide the same output for loop timing. All
outputs are frequency locked together and to the
input.
This part also has a jitter-attenuated Buffer
capability. In this mode, the MK2049-34 is ideal
for filtering jitter from 27 MHz video clocks or
other clocks with high jitter.
ICS/MicroClock can customize these devices for
many other different frequencies. Contact your
ICS/MicroClock representative for more details.
Block Diagram
Description
Features
VDD
GND
PLL
Clock
Synthesis,
Control, and
Jitter
Attenuation
Circuitry
Output
Buffer
Output
Buffer
External/
Loop Timing
Mux
FS3:0
Clock
Input
CAP1
CAP2
CLK
CLK/2
Output
Buffer
8 kHz
(External
Mode only)
Crystal
Oscillator
Reference
Crystal
X1
X2
4
3
3
RES
FCAP


Similar Part No. - MK2049-34SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-34SI RENESAS-MK2049-34SI Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
MK2049-34SITR RENESAS-MK2049-34SITR Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
More results

Similar Description - MK2049-34SI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
   3.3 V Communications Clock PLL
logo
Renesas Technology Corp
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
   3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
   3.3 Volt Communications Clock VCXO PLL
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
   3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
   Communications Clock PLL
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
   3.3V Communications Clock PLL
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
   3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com