Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2727 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK2727
Description  Low Cost 27 MHz VCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2727 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK2727 Datasheet HTML 1Page - Integrated Circuit Systems MK2727 Datasheet HTML 2Page - Integrated Circuit Systems MK2727 Datasheet HTML 3Page - Integrated Circuit Systems MK2727 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK2727
Low Cost 27 MHz VCXO
MDS 2727 B
3
Revision 111600
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 5.0V unless noted)
DC CHARACTERISTICS (VDD = 5.0V unless noted)
Operating Voltage, VDD
4.75
5.25
V
Output High Voltage, VOH
IOH=-25mA
2.4
V
Output Low Voltage, VOL
IOL=25mA
0.4
V
Output High Voltage, VOH, CMOS level
IOH=-8mA
VDD-0.4
V
Operating Supply Current, IDD
No Load
20
mA
Short Circuit Current
±100
mA
VIN, VCXO control voltage
0
3
V
AC CHARACTERISTICS (VDD = 5.0V unless noted)
AC CHARACTERISTICS (VDD = 5.0V unless noted)
Input Crystal Frequency
13.50000
MHz
Input Crystal Accuracy
±30
ppm
Output Clock Rise Time
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
2.0 to 0.8V
1.5
ns
Output Clock Duty Cycle
At 1.4V
40
50
60
%
Maximum Absolute Jitter, short term
200
ps
27 MHz output pullability, note 2
0V
≤ VIN ≤ 3V
±100
ppm
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. With a MicroClock approved pullable crystal.
External Components
The MK2727 requires a minimum number of external components for proper operation. A decoupling
capacitor of 0.1µF should be connected between VDD and GND on pins 2 and 4, as close to the MK2727
as possible. A series termination resistor of 33
Ω may be used for the clock output. The input crystal must be
connected as close to the chip as possible. The input crystal should be a parallel mode, pullable, AT cut,
13.5MHz, with 14pF load capacitance. Consult MicroClock for recommended suppliers. IMPORTANT -
read application note MAN05 before laying out the PCB.


Similar Part No. - MK2727

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
MK2727SLF RENESAS-MK2727SLF Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
MK2727SLFTR RENESAS-MK2727SLFTR Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
More results

Similar Description - MK2727

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
logo
Integrated Circuit Syst...
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
   LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
   LOW COST 27 MHZ 3.3 VOLT VCXO
MK2754 ICST-MK2754 Datasheet
57Kb / 4P
   Low Cost 54 MHz VCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
   7.0x5.0 VCXO 27 MHz
logo
Pericom Semiconductor C...
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
   27 MHz 3.3V VCXO
logo
Integrated Circuit Syst...
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
   Low Cost 54 MHz 3.3 Volt VCXO
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
   LOW COST 54 MHZ 3.3 VOLT VCXO
072805
logo
Cypress Semiconductor
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
   27 MHz Clock Generator with VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com