Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73171-2742 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73171-2742
Description  75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Nickel, PCB, Bag
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73171-2742 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73171-2742 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73171-2742
Status:
Active
Overview:
BNC RF Connectors
Description:
75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Nickel, PCB, Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73171
Overview
BNC RF Connectors
Product Name
mini-BNC
Style
PCB
UPC
800756688749
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Orientation
Straight
PCB Mounting
Edge Mount
Packaging Type
Bag
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
75#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73171-274
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73171Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73171-2742

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73171-2740 MOLEX11-73171-2740 Datasheet
35Kb / 1P
   75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Gold, PCB, Bulk
73171-2741 MOLEX11-73171-2741 Datasheet
35Kb / 1P
   75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Nickel, PCB, Bulk
More results

Similar Description - 73171-2742

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731712742 MOLEX-0731712742_V01 Datasheet
31Kb / 1P
   75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Nickel, PCB, Bag
0731712742 MOLEX11-0731712742 Datasheet
30Kb / 1P
   75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Nickel, PCB, Bag
73171-2741 MOLEX11-73171-2741 Datasheet
35Kb / 1P
   75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Nickel, PCB, Bulk
0734152202 MOLEX-0734152202_V01 Datasheet
34Kb / 1P
   75 Ohms, Mini-BNC Jack, Right-Angle, Bulkhead, Nickel, PCB
0734152202 MOLEX11-0734152202 Datasheet
32Kb / 1P
   75 Ohms, Mini-BNC Jack, Right-Angle, Bulkhead, Nickel, PCB
0731712741 MOLEX11-0731712741 Datasheet
31Kb / 1P
   75 Ohms, Mini BNC Jack, Trayhead, Edge Mount, Nickel, PCB, Tray
0731712741 MOLEX-0731712741_V01 Datasheet
33Kb / 1P
   75 Ohms, Mini BNC Jack, Trayhead, Edge Mount, Nickel, PCB, Tray
73171-2740 MOLEX11-73171-2740 Datasheet
35Kb / 1P
   75 Ohms, Mini BNC Jack, Bulkhead, Edge Mount, Gold, PCB, Bulk
73171-2730 MOLEX11-73171-2730 Datasheet
34Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Nickel
0731712730 MOLEX11-0731712730 Datasheet
30Kb / 1P
   75 Ohms, Mini BNC, Straight Jack, Nickel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com