Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE18C Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # 1.5KE18C
Description  Glass passvated junction chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1.5KE18C Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  1.5KE18C Datasheet HTML 1Page - Bruckewell Technology LTD 1.5KE18C Datasheet HTML 2Page - Bruckewell Technology LTD 1.5KE18C Datasheet HTML 3Page - Bruckewell Technology LTD 1.5KE18C Datasheet HTML 4Page - Bruckewell Technology LTD 1.5KE18C Datasheet HTML 5Page - Bruckewell Technology LTD 1.5KE18C Datasheet HTML 6Page - Bruckewell Technology LTD 1.5KE18C Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1.5KE_CA
VBR : 6.8 - 440 Volts
PPK : 1500 Watts
Publication Order Number: [1.5KE_CA]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
1.5KE82CA
77.9
86.1
1.0
70.1
5.0
3.7
113
0.105
1.5KE91C
81.9
100
1.0
73.7
5.0
3.2
131
0.106
1.5KE91CA
86.5
95.5
1.0
77.8
5.0
3.4
125
0.106
1.5KE100C
90.0
110
1.0
81.0
5.0
2.9
144
0.106
1.5KE100CA
95.0
105
1.0
85.5
5.0
3.1
137
0.106
1.5KE110C
99.0
121
1.0
89.2
5.0
2.7
158
0.107
1.5KE110CA
105
116
1.0
91.0
5.0
2.8
152
0.107
1.5KE120C
108
132
1.0
97.2
5.0
2.4
173
0.107
1.5KE120CA
114
126
1.0
102
5.0
2.5
165
0.107
1.5KE130C
117
143
1.0
105
5.0
2.2
187
0.107
1.5KE130CA
17124
137
1.0
111
5.0
2.3
179
0.107
1.5KE150C
135
165
1.0
121
5.0
2.0
215
0.108
1.5KE150CA
143
158
1.0
128
5.0
2.0
207
0.108
1.5KE160C
144
176
1.0
130
5.0
1.8
230
0.108
1.5KE160CA
152
168
1.0
136
5.0
1.9
219
0.108
1.5KE170C
153
187
1.0
138
5.0
1.7
244
0.108
1.5KE170CA
162
179
1.0
145
5.0
1.8
234
0.108
1.5KE180C
162
198
1.0
146
5.0
1.6
258
0.108
1.5KE180CA
171
189
1.0
154
5.0
1.7
246
0.108
1.5KE200C
180
220
1.0
162
5.0
1.5
287
0.108
1.5KE200CA
190
210
1.0
171
5.0
1.53
274
0.108
1.5KE220C
198
242
1.0
175
5.0
1.16
344
0.108
1.5KE220CA
209
231
1.0
185
5.0
1.22
328
0.108
1.5KE250C
225
275
1.0
202
5.0
1.11
360
0.110
1.5KE250CA
237
263
1.0
214
5.0
1.16
344
0.110
1.5KE300C
270
330
1.0
243
5.0
0.93
430
0.110
1.5KE300CA
285
315
1.0
256
5.0
0.97
414
0.110
1.5KE350C
315
385
1.0
284
5.0
0.79
504
0.110
1.5KE350CA
332
368
1.0
300
5.0
0.83
482
0.110


Similar Part No. - 1.5KE18C

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE18C TRSYS-1.5KE18C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE18C LUGUANG-1.5KE18C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DONGGUAN YOU FENG WEI E...
1.5KE18C YFWDIODE-1.5KE18C Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Won-Top Electronics
1.5KE18C WTE-1.5KE18C Datasheet
65Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
1.5KE18C LUGUANG-1.5KE18C Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE18C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3AB-DS2561 ETC1-S3AB-DS2561 Datasheet
67Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Vishay Siliconix
SB2D VISHAY-SB2D Datasheet
95Kb / 4P
   Glass passivated chip junction
Revision: 03-Nov-11
logo
HY ELECTRONIC CORP.
D4KB6L HY-D4KB6L Datasheet
54Kb / 2P
   Glass passivated chip junction
logo
eleflow technologies co...
GL1A ELEFLOW-GL1A Datasheet
218Kb / 3P
   Glass passivated chip junction
logo
List of Unclassifed Man...
1N5400G ETC2-1N5400G Datasheet
137Kb / 1P
   Glass passivated chip junction
logo
Mospec Semiconductor
ABS2 MOSPEC-ABS2 Datasheet
126Kb / 2P
   Glass Passivated chip junction
logo
First Silicon Co., Ltd
1N4148W FS-1N4148W Datasheet
601Kb / 3P
   Glass Passivated Chip Junction
logo
Shenzhen Luguang Electr...
30KP33S LUGUANG-30KP33S Datasheet
144Kb / 3P
   Glass passivated junction chip
logo
Shanghai Leiditech Elec...
1N5391G LEIDITECH-1N5391G Datasheet
246Kb / 2P
   Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
BAV100WL YFWDIODE-BAV100WL Datasheet
462Kb / 3P
   Glass Passivated Chip Junction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com