Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2731-04STR Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2731-04STR
Description  MPEG Audio Clock
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2731-04STR Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2731-04STR Datasheet HTML 1Page - Integrated Circuit Systems MK2731-04STR Datasheet HTML 2Page - Integrated Circuit Systems MK2731-04STR Datasheet HTML 3Page - Integrated Circuit Systems MK2731-04STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK2731-04C
MPEG Audio Clock
MDS 2731-04 CA
2
Revision 122799
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
Pin Descriptions
Key: I = Input with internal pull-up resistor; O = output; P = power supply connection; XI, XO = crystal
connections
Pin Assignment
Number
Name
Type
Description
1
X2
XO
Crystal connection. Connect to a parallel mode 14.4 MHz crystal.
2
X1
XI
Crystal connection. Connect to a parallel mode 14.4 MHz crystal.
3, 4, 10
VDD
P
Connect to +3.3V or +5V. Must be same at all VDDs.
5, 6, 7
GND
P
Connect to ground.
8
S2
I
Frequency select pin 2. Determines clock outputs per table above.
9
CLK1
O
Clock output 1 set by status of S0-S2. See table above. This output is CLK2/2
11
CLK2
O
Clock output 2 set by status of S0-S2. See table above.
12, 15, 16
DC
-
Don't Connect. Do not connect anything to these pins.
13
S1
I
Frequency select pin 1. Determines clock outputs per table above.
14
S0
I
Frequency select pin 0. Determines clock outputs per table above.
Key:
0 = connect directly to GND
1 = connect directly to VDD
16
15
14
13
16 pin narrow (150 mil) SOIC
12
11
10
9
1
2
3
4
5
6
7
8
MK2731-04
VDD
GND
X2
X1
VDD
S2
GND
GND
S1
DC
CLK1
CLK2
DC
DC
S0
VDD
S2
S1
S0
CLK1
CLK2
Pin 8
Pin 13
Pin 14
Pin 9
Pin 11
0
0
0
16.9344 33.8688
0
0
1
11.2896 22.5792
0
1
0
8.192
16.384
0
1
1
18.432
36.864
1
0
0
11.2896 22.5792
1
0
1
12.288
24.576
1
1
0
Test
Test
1
1
1
Test
Test
Output Clocks Select Table (MHz)
External Components
The MK2731-04 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.01µF should be connected between VDD and GND on pins 3 and 5, and VDD and GND
on pins 10 and 6, as close to the MK2731-04 as possible. Other VDDs can be connected to pin 10. A series
termination resistor of 33
Ω may be used for each clock output. Any unused clock outputs should be left
unconnected (DC, floating). The input crystal must be connected as close to the chip as possible. The input
crystal should be fundamental mode, parallel resonant. For accurate outputs, the crystal should be tuned
with two identical capacitors to ground, as shown on the block diagram. The value of these two crystal caps
should be equal to (CL-6)*2, where CL is the crystal load (or correlation) capacitance.


Similar Part No. - MK2731-04STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK2731-03S ICST-MK2731-03S Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK2731-03STR ICST-MK2731-03STR Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
More results

Similar Description - MK2731-04STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
   MPEG AUDIO CODEC
logo
Integrated Circuit Syst...
ICS650-12 ICST-ICS650-12 Datasheet
67Kb / 4P
   MPEG Clock Synthesizer
logo
Renesas Technology Corp
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
   MPEG CLOCK SYNTHESIZER
051310
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
Integrated Circuit Syst...
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
   DVD/MPEG CLOCK SOURCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com