Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2731-04STR Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK2731-04STR
Description  MPEG Audio Clock
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2731-04STR Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK2731-04STR Datasheet HTML 1Page - Integrated Circuit Systems MK2731-04STR Datasheet HTML 2Page - Integrated Circuit Systems MK2731-04STR Datasheet HTML 3Page - Integrated Circuit Systems MK2731-04STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK2731-04C
MPEG Audio Clock
MDS 2731-04 CA
4
Revision 122799
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose • CA • 95126 • (408)295-9800tel • www.icst.com
PRELIMINARY INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
MK2731-04S
MK2731-04S
tubes
16 pin SOIC
0-70 °C
MK2731-04STR
MK2731-04S
tape and reel
16 pin SOIC
0-70 °C
B
D
E
H
e
C
A
L
A1
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
16 pin narrow SOIC
SOIC
SOIC
Symbol
Min
Max
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
9.80
10.00
E
3.80
4.00
H
5.80
6.20
e
1.27 BSC
1.27 BSC
h
0.25
0.50
L
0.40
1.27
All dimensions in mm.


Similar Part No. - MK2731-04STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK2731-03S ICST-MK2731-03S Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK2731-03STR ICST-MK2731-03STR Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
More results

Similar Description - MK2731-04STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
MK1413 ICST-MK1413 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
logo
Renesas Technology Corp
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
467Kb / 49P
   MPEG AUDIO CODEC
logo
Integrated Circuit Syst...
ICS650-12 ICST-ICS650-12 Datasheet
67Kb / 4P
   MPEG Clock Synthesizer
logo
Renesas Technology Corp
ICS650-12 RENESAS-ICS650-12 Datasheet
346Kb / 8P
   MPEG CLOCK SYNTHESIZER
051310
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
logo
Integrated Circuit Syst...
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
   DVD/MPEG CLOCK SOURCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com