Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2745-21S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2745-21S
Description  DVD/MPEG Clock Source
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2745-21S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2745-21S Datasheet HTML 1Page - Integrated Circuit Systems MK2745-21S Datasheet HTML 2Page - Integrated Circuit Systems MK2745-21S Datasheet HTML 3Page - Integrated Circuit Systems MK2745-21S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2745-21
DVD/MPEG Clock Source
MDS 2745-21 B
1
Revision 120400
Printed 12/5/00
Integrated Circuit Systems, Inc.•525 Race Street•San Jose•CA•95126•(408)295-9800tel•www.icst.com
The MK2745-21 is a low cost, low jitter, high
performance clock synthesizer for DVD and other
MPEG 2 based applications. Using analog Phase-
Locked Loop (PLL) techniques, the device accepts
a 27.00MHz fundamental mode crystal or clock
input to produce multiple output clocks including
the processor clock, the processor clock divided by
two, 27 MHz, 24.576 MHz, and a selectable
audio clock. The audio clocks are frequency
locked to the 27.00MHz input using our patented
zero ppm error techniques, allowing audio and
video to track exactly, thereby eliminating the
need for large buffer memory.
MicroClock manufactures the largest variety of
DVD, Set-Top Box, and multimedia clock
synthesizers for all applications. Consult
MicroClock to eliminate crystals and oscillators
from your board.
Block Diagram
Description
Features
• Packaged in 16 pin narrow (150 mil) SOIC
• Ideal for LuxSonor’s DVD solutions
• 3.3V upgrade to MK2744
• Patented zero ppm audio clock error for 256X and
384X sampling rates
• Selectable audio sampling frequencies support
32 kHz, 44.1 kHz, and 48 kHz in most DACs
• 27.00 MHz fundamental crystal or clock input
• Eight selectable processor frequencies
• Fixed clocks of 27 and 24.576 MHz
• Zero ppm error in all clocks
• Full CMOS outputs with 25mA output drive
capability at TTL levels
• Advanced, low power, sub-micron CMOS process
• 3.0V to 5.5V operating voltage
• See also the MK2712 for NTSC/PAL clocks
Clock
Buffer/
Crystal
Oscillator
VDD
GND
Clock Synthesis
and Control
Circuitry
Processor Clock
27.00 MHz
clock or
crystal
Output
Buffer
Output
Buffer
Audio Clock
27 MHz
2
2
Output
Buffer
24.576 MHz
AS2:0
Output
Buffer
3
PS1:0
2
X1
X2
PCLK/2
Output
Buffer
÷ 2


Similar Part No. - MK2745-21S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
   DVD/MPEG CLOCK SOURCE
logo
Renesas Technology Corp
MK2745-21SLF RENESAS-MK2745-21SLF Datasheet
343Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
MK2745-21SLFTR RENESAS-MK2745-21SLFTR Datasheet
343Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
More results

Similar Description - MK2745-21S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK2745-21SLF IDT-MK2745-21SLF Datasheet
188Kb / 6P
   DVD/MPEG CLOCK SOURCE
logo
Integrated Circuit Syst...
MK2746 ICST-MK2746 Datasheet
136Kb / 5P
   DVD/MPEG CLOCK SOURCE
MK2745-24 ICST-MK2745-24 Datasheet
63Kb / 4P
   DVD/MPEG Clock Source
logo
Renesas Technology Corp
MK2745-21 RENESAS-MK2745-21 Datasheet
343Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
MK2746 RENESAS-MK2746 Datasheet
350Kb / 7P
   DVD/MPEG CLOCK SOURCE
051310
MK2745-24 RENESAS-MK2745-24 Datasheet
337Kb / 8P
   DVD/MPEG CLOCK SOURCE
051310
MK1413 RENESAS-MK1413 Datasheet
339Kb / 8P
   MPEG AUDIO CLOCK SOURCE
051310
logo
Zoran Corporation
ACTIVA100 ZORAN-ACTIVA100 Datasheet
433Kb / 2P
   MPEG AV Encoder for DVD Recorders
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
   MPEG Audio Clock
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com