Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMC13A Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # 1SMC13A
Description  1500W surge capability at 1ms
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1SMC13A Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  1SMC13A Datasheet HTML 1Page - Bruckewell Technology LTD 1SMC13A Datasheet HTML 2Page - Bruckewell Technology LTD 1SMC13A Datasheet HTML 3Page - Bruckewell Technology LTD 1SMC13A Datasheet HTML 4Page - Bruckewell Technology LTD 1SMC13A Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
//htmlimg2.alldatasheet.net/htmldatasheet2/656871/BWTECH/1SMC13A/882/4/1SMC13A.png


Similar Part No. - 1SMC13A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1SMC13A CENTRAL-1SMC13A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
Motorola, Inc
1SMC13A MOTOROLA-1SMC13A Datasheet
212Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
EIC discrete Semiconduc...
1SMC13A EIC-1SMC13A Datasheet
91Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
1SMC13A CENTRAL-1SMC13A Datasheet
666Kb / 3P
   SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
1SMC13A CENTRAL-1SMC13A Datasheet
889Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - 1SMC13A

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
   600W surge capability at 1ms
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
   600W surge capability at 1ms
PASMA6.8C BWTECH-PASMA6.8C Datasheet
592Kb / 7P
   400W surge capability at 1ms
P4KE_C BWTECH-P4KE_C Datasheet
563Kb / 7P
   400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
   400W surge capability at 1ms
P6SMB_A BWTECH-P6SMB_A Datasheet
529Kb / 5P
   600W surge capability at 1ms
logo
Fairchild Semiconductor
1.5KE6.8A FAIRCHILD-1.5KE6.8A Datasheet
55Kb / 3P
   Glass passivated junction. 1500W Peak Pulse Power capability at 1.0 ms.
logo
GeneSiC Semiconductor, ...
MBR20020CT GENESIC-MBR20020CT Datasheet
450Kb / 3P
   High Surge Capability
MSRT100120A GENESIC-MSRT100120A Datasheet
415Kb / 3P
   High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
   High Surge Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com