Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2754 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK2754
Description  Low Cost 54 MHz VCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2754 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK2754 Datasheet HTML 1Page - Integrated Circuit Systems MK2754 Datasheet HTML 2Page - Integrated Circuit Systems MK2754 Datasheet HTML 3Page - Integrated Circuit Systems MK2754 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK2754
Low Cost 54 MHz VCXO
MDS 2754 B
4
Revision 011698
Printed 11/16/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
While the information presented herein has been checked for both accuracy and reliability, MicroClock Incorporated assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in
normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by MicroClock. MicroClock reserves the right to change any circuitry or specifications without notice. MicroClock does not
authorize or warrant any MicroClock product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
MK2754S
MK2754S
tubes
8 pin SOIC
0-70°C
MK2754STR
MK2754S
tape and reel
8 pin SOIC
0-70°C
CHANGE HISTORY
Version Date first published
Status
Comments
A
12/12/96
Advance
Original
B
1/16/98
Final
Updated pkg height.
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.070
1.397
1.778
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
Q
0.004
0.01
0.102
0.254
8 pin SOIC
c
A
b
D
E
H
e
h x 45°
Q
Pin 1


Similar Part No. - MK2754

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK27-1A66B-500W MEDER-MK27-1A66B-500W Datasheet
280Kb / 2P
   MK Reed Sensor
MK27-1A66B-500W_DE MEDER-MK27-1A66B-500W_DE Datasheet
282Kb / 2P
   (deutsch) MK Reed Sensor
logo
Pericom Semiconductor C...
MK2700001 PERICOM-MK2700001 Datasheet
709Kb / 4P
   2.5V CMOS SSXO
MK2700001 PERICOM-MK2700001 Datasheet
709Kb / 4P
   3.3V CMOS SSXO
logo
Integrated Circuit Syst...
MK2703 ICST-MK2703 Datasheet
63Kb / 4P
   PLL Audio Clock Synthesizer
More results

Similar Description - MK2754

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
   Low Cost 54 MHz 3.3 Volt VCXO
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
   LOW COST 54 MHZ 3.3 VOLT VCXO
072805
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
   7.0x5.0 VCXO 54 MHz
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
   Low Cost 27 MHz VCXO
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
   LOW COST 27 MHZ VCXO
051310
logo
Integrated Circuit Syst...
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
   27 MHz and 54 MHz 3.3 Volt VCXO
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
   27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
logo
Integrated Circuit Syst...
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
   LOW COST 27 MHZ 3.3 VOLT VCXO
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
   LOW COST 27 MHZ 3.3 VOLT VCXO
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
   LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com