Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX51-BCX53 Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # BCX51-BCX53
Description  PNP Silicon AF Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

BCX51-BCX53 Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  BCX51-BCX53 Datasheet HTML 1Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 2Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 3Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 4Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 5Page - Bruckewell Technology LTD BCX51-BCX53 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BCX51-BCX53
PNP Silicon AF Transistors
Publication Order Number: [BCX51-BCX53]
© Bruckewell Technology Corporation Rev. A -2014
■RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - BCX51-BCX53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51-10 PHILIPS-BCX51-10 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
Rectron Semiconductor
BCX51-10 RECTRON-BCX51-10 Datasheet
335Kb / 6P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51-10 SIEMENS-BCX51-10 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Nexperia B.V. All right...
BCX51-10 NEXPERIA-BCX51-10 Datasheet
1Mb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
logo
Infineon Technologies A...
BCX51-10 INFINEON-BCX51-10 Datasheet
141Kb / 5P
   PNP Silicon AF Transistors
Feb-10-2004
More results

Similar Description - BCX51-BCX53

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com