Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C12 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # AZ23C12
Description  300 mw Dual Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

AZ23C12 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  AZ23C12 Datasheet HTML 1Page - Bruckewell Technology LTD AZ23C12 Datasheet HTML 2Page - Bruckewell Technology LTD AZ23C12 Datasheet HTML 3Page - Bruckewell Technology LTD AZ23C12 Datasheet HTML 4Page - Bruckewell Technology LTD AZ23C12 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AZ23C27-51
300 mw Dual Surface Mount Zener Diodes
Publication Order Number: [AZ23C27-51]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATING (Tc=25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Unit
PD
Power Dissipation
On fiberglass substrate
300
mW
TJ=TSTG
Junction and storage temperature range
-55~+150
°C
Maximum Thermal Resistance
Symbol
Parameter
Test Conditions
Value
Unit
RthJS
Junction ambint
On fiberglass substrate
420
K/W
DC CHARACTERISTICS
Type
Number
Marking
Code
VZ
ZZT
ZZX
TC
VR
V
Ω
Ω
%/°C
V
@IZT=5mA
@IZT=5mA
@IZT=1mA
@IR=0.1uA
AZ23C2V7
KD1
2.5to2.9
83
500
-0.065
-
AZ23C3V0
KD2
2.8to3.2
95
500
-0.060
-
AZ23C3V3
KD3
3.1to3.5
95
500
-0.055
-
AZ23C3V6
KD4
3.4to3.8
95
500
-0.055
-
AZ23C3V9
KD5
3.7to4.1
95
500
-0.050
-
AZ23C4V3
KD6
4.0to4.6
95
500
-0.035
-
AZ23C4V7
KD7
4.4to5.0
78
500
-0.015
-
AZ23C5V1
KD8
4.8to5.4
60
480
+0.005
0.8
AZ23C5V6
KD9
5.2to6.0
40
400
+0.020
1.0
AZ23C6V2
KDA
5.8to6.6
10
200
+0.030
2.0
AZ23C6V8
KDB
6.4to7.2
8
150
+0.045
3.0
AZ23C7V5
KDC
7.0to7.9
7
50
+0.050
5.0
AZ23C8V2
KDD
7.7to8.7
7
50
+0.055
6.0
AZ23C9V1
KDE
8.5to9.6
10
70
+0.065
7.0
AZ23C10
KDF
9.4to10.6
15
70
+0.065
7.5
AZ23C11
KDG
10.4to11.6
20
70
+0.070
8.5
AZ23C12
KDH
11.4to12.7
20
90
+0.075
9.0
AZ23C13
KDI
12.4to14.1
25
110
+0.080
10.0
AZ23C15
KDJ
13.8to15.6
30
110
+0.080
11.0
AZ23C16
KDK
15.3to17.1
40
170
+0.090
12.0
AZ23C18
KDL
16.8to19.1
50
170
+0.090
14.0
AZ23C20
KDM
18.8to21.2
50
220
+0.090
15.0
AZ23C22
KDN
20.8to23.3
55
220
+0.090
17.0
AZ23C24
KDO
22.8to25.6
80
220
+0.090
18.0


Similar Part No. - AZ23C12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C12 VISHAY-AZ23C12 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Jiangsu Changjiang Elec...
AZ23C12 JIANGSU-AZ23C12 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C12 DIODES-AZ23C12 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Diode Semiconductor Kor...
AZ23C12 DSK-AZ23C12 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Diodes Incorporated
AZ23C12 DIODES-AZ23C12 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results

Similar Description - AZ23C12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSL110 VISHAY-TDSL110 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
   300 MW Surface Mount Zener Diodes
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Microsemi Corporation
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com