Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143ZCA Datasheet(PDF) 6 Page - Bruckewell Technology LTD

Part # DTA143ZCA
Description  Epitaxial planar die construction.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

DTA143ZCA Datasheet(HTML) 6 Page - Bruckewell Technology LTD

  DTA143ZCA Datasheet HTML 1Page - Bruckewell Technology LTD DTA143ZCA Datasheet HTML 2Page - Bruckewell Technology LTD DTA143ZCA Datasheet HTML 3Page - Bruckewell Technology LTD DTA143ZCA Datasheet HTML 4Page - Bruckewell Technology LTD DTA143ZCA Datasheet HTML 5Page - Bruckewell Technology LTD DTA143ZCA Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DTAXXXXCA_R1_R2
Digital Transistor
Publication Order Number: [DTAXXXXCA_R1_R2]
© Bruckewell Technology Corporation Rev. A -2014
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE
WITHOUT NOTICE TO IMPROVE RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Bruckewell Technology Inc., its affiliates, agents, and employees, and all persons acting on its or
their behalf (collectively, “Bruckewell”), disclaim any and all liability for any errors, inaccuracies or
incompleteness contained in any datasheet or in any other disclosure relating to any product.
Bruckewell makes no warranty, representation or guarantee regarding the suitability of the products
for any particular purpose or the continuing production of any product. To the maximum extent
permitted by applicable law, Bruckewell disclaims
(i)
Any and all liability arising out of the application or use of any product.
(ii) Any and all liability, including without limitation special, consequential or incidental damages.
(iii) Any and all implied warranties, including warranties of fitness for particular purpose,
non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on
Bruckewell’s knowledge of typical requirements that are often placed on Bruckewell products in
generic applications.
Such statements are not binding statements about the suitability of products for a particular
application. It is the customer’s responsibility to validate that a particular product with the properties
described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance
may vary over time.
Product specifications do not expand or otherwise modify Bruckewell’s terms and conditions of
purchase, including but not limited to the warranty expressed therein.


Similar Part No. - DTA143ZCA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA143ZCA JIANGSU-DTA143ZCA Datasheet
123Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA143ZCA TSC-DTA143ZCA Datasheet
807Kb / 5P
   PNP Small Signal Transistor
logo
SeCoS Halbleitertechnol...
DTA143ZCA SECOS-DTA143ZCA Datasheet
206Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA143ZCA ROHM-DTA143ZCA Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors
logo
Micro Commercial Compon...
DTA143ZCA MCC-DTA143ZCA Datasheet
103Kb / 3P
   PNP Digital Transistors
More results

Similar Description - DTA143ZCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
   Epitaxial Planar Die Construction
logo
Shanghai Leiditech Elec...
MMBT2907A LEIDITECH-MMBT2907A Datasheet
563Kb / 4P
   Epitaxial planar die construction
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2907 MAKOSEMI-MMBT2907 Datasheet
119Kb / 2P
   Epitaxial planar die construction.
logo
Shanghai Leiditech Elec...
MMBT2222A LEIDITECH-MMBT2222A Datasheet
1Mb / 5P
   Epitaxial planar die construction
logo
Yea Shin Technology Co....
MMBT3904DW YEASHIN-MMBT3904DW Datasheet
831Kb / 3P
   Epitaxial planar die construction
logo
Shenzhen Luguang Electr...
MMBT2222A LUGUANG-MMBT2222A Datasheet
2Mb / 3P
   Epitaxial planar die construction
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2222 MAKOSEMI-MMBT2222 Datasheet
523Kb / 2P
   Epitaxial planar die construction
logo
SHIKUES Electronics
MMDT5401 SKTECHNOLGY-MMDT5401 Datasheet
853Kb / 3P
   Epitaxial Planar Die Construction
MMDT5551 SKTECHNOLGY-MMDT5551 Datasheet
772Kb / 3P
   Epitaxial Planar Die Construction
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
   Epitaxial planar die construction.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com