Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ48 Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # 3.0SMCJ48
Description  3000W peak pulse power capability with a 10/1000us waveform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

3.0SMCJ48 Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  3.0SMCJ48 Datasheet HTML 1Page - Bruckewell Technology LTD 3.0SMCJ48 Datasheet HTML 2Page - Bruckewell Technology LTD 3.0SMCJ48 Datasheet HTML 3Page - Bruckewell Technology LTD 3.0SMCJ48 Datasheet HTML 4Page - Bruckewell Technology LTD 3.0SMCJ48 Datasheet HTML 5Page - Bruckewell Technology LTD 3.0SMCJ48 Datasheet HTML 6Page - Bruckewell Technology LTD 3.0SMCJ48 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3.0SMCJ_5.0_220A
Stand-off Voltage : 5.0 to 220V
Peak Pulse Power : 3000 W
Publication Order Number: [3.0SMCJ_5.0_220A]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage @ IT
(1)
Reverse
Stand-off
Voltage
Maximum
Reverse
Leakage
@ VWM
Maximum Peak
Pulse Surge
Current
Maximum
Clamping
Voltage
@ IPPM
VBR (V)
IT
VWM
ID
IPPM
VC
Min.
Max.
(mA)
(V)
μA
(A)
(V)
3.0SMCJ51
56.7
71.8
1.0
51
5
37.0
91.1
3.0SMCJ51A
56.7
65.2
1.0
51
5
36.4
82.4
3.0SMCJ54
60.0
76.0
1.0
54
5
31.2
96.3
3.0SMCJ54A
60.0
69.0
1.0
54
5
34.4
87.1
3.0SMCJ58
64.4
81.6
1.0
58
5
39.2
103
3.0SMCJ58A
64.4
74.1
1.0
58
5
32.0
93.6
3.0SMCJ60
66.7
84.5
1.0
60
5
28.0
107
3.0SMCJ60A
66.7
76.7
1.0
60
5
31.0
9.8
3.0SMCJ64
71.1
90.1
1.0
64
5
26.4
114
3.0SMCJ64A
71.1
81.8
1.0
64
5
29.2
103
3.0SMCJ70
77.8
98.6
1.0
70
5
24.0
125
3.0SMCJ70A
77.8
89.5
1.0
70
5
26.6
113
3.0SMCJ75
83.3
105.7
1.0
75
5
22.4
134
3.0SMCJ75A
83.3
95.8
1.0
75
5
24.8
121
3.0SMCJ78
86.7
109.8
1.0
78
5
21.6
139
3.0SMCJ78A
86.7
99.7
1.0
78
5
22.8
126
3.0SMCJ85
94.4
119.2
1.0
85
5
19.8
151
3.0SMCJ85A
94.4
108.2
1.0
85
5
20.8
137
3.0SMCJ90
100
126.5
1.0
90
5
18.8
160
3.0SMCJ90A
100
115.5
1.0
90
5
20.6
146
3.0SMCJ100
111
141.0
1.0
100
5
16.6
179
3.0SMCJ100A
111
128.0
1.0
100
5
18.6
162
3.0SMCJ110
122
154.5
1.0
110
5
15.4
196
3.0SMCJ110A
122
140.5
1.0
110
5
16.8
177
3.0SMCJ120
133
169.0
1.0
120
5
14.0
214
3.0SMCJ120A
133
153.0
1.0
120
5
15.6
193
3.0SMCJ130
144
182.5
1.0
130
5
13.0
231
3.0SMCJ130A
144
165.5
1.0
130
5
14.4
209
3.0SMCJ150
167
211.5
1.0
150
5
11.2
268


Similar Part No. - 3.0SMCJ48

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ48 WTE-3.0SMCJ48 Datasheet
65Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
3.0SMCJ48 RECTRON-3.0SMCJ48 Datasheet
166Kb / 7P
   SURFACE MOUNT 3000W TRANSIENT
logo
Won-Top Electronics
3.0SMCJ48 WTE-3.0SMCJ48 Datasheet
81Kb / 6P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ48 TSC-3.0SMCJ48 Datasheet
73Kb / 4P
   Surface Mount Transient Voltage Suppressor
3.0SMCJ48 TSC-3.0SMCJ48 Datasheet
279Kb / 4P
   3000 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 3.0SMCJ48

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
3.0SMCJ11C LUGUANG-3.0SMCJ11C Datasheet
216Kb / 4P
   3000W peak pulse power capability with 10/1000關s waveform
logo
AiT Semiconductor Inc.
SMDJ5.0CA AITSEMI-SMDJ5.0CA Datasheet
400Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com