Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD50V12L Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # ESD50V12L
Description  Low Capacitance TVS Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ESD50V12L Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ESD50V12L Datasheet HTML 1Page - Bruckewell Technology LTD ESD50V12L Datasheet HTML 2Page - Bruckewell Technology LTD ESD50V12L Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary ESD50V12L
Low Capacitance TVS Diode Array
Publication Order Number: [ESD50V12L]
© Bruckewell Technology Corporation Rev. A -2014
Features
• Transient protection for high speed data lines to
• IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
• IEC 61000-4-4 (EFT) 40A (5/50ns)
• IEC 61000-4-
5 (Lightning) 0.5kV, 12A (8/20μs)
• Array of surge rated diodes with internal TVS Diode
• Protects two I/O lines
• Operating Voltage: 12 volts
• Low capacitance (5pF typical) for high-speed
interfaces Low clamping voltage Solid-state
silicon-avalanche technology
• RoHS compliant package
Mechanical Data
• JEDEC SOT-143 package
• UL 497B listed Molding compound flammability rating:
UL 94V-0
• Packaging : Tape and Reel per EIA 481 RoHS/WEEE
Compliant
Application
• ADSL
• Industrial electronics
• RS-422 interfaces
• Portable electronics
• Microcomputer input protection
• LAN/WAN equipment
• ADSL
Packing & Order Information
Shipping:3,000/Reel
Schematic & PIN Configuration
SOT-143


Similar Part No. - ESD50V12L

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ESD50 COOPER-ESD50 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD50 COOPER-ESD50 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD50 EATON-ESD50 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
ON Semiconductor
ESD5004 ONSEMI-ESD5004 Datasheet
96Kb / 5P
   ESD Protection Diode
August, 2015 ??Rev. 2
ESD5004 ONSEMI-ESD5004 Datasheet
95Kb / 5P
   ESD Protection Diode
April, 2017 ??Rev. 3
More results

Similar Description - ESD50V12L

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com