Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMCJ220 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # 3.0SMCJ220
Description  3000W peak pulse power capability with a 10/1000us waveform
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

3.0SMCJ220 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  3.0SMCJ220 Datasheet HTML 1Page - Bruckewell Technology LTD 3.0SMCJ220 Datasheet HTML 2Page - Bruckewell Technology LTD 3.0SMCJ220 Datasheet HTML 3Page - Bruckewell Technology LTD 3.0SMCJ220 Datasheet HTML 4Page - Bruckewell Technology LTD 3.0SMCJ220 Datasheet HTML 5Page - Bruckewell Technology LTD 3.0SMCJ220 Datasheet HTML 6Page - Bruckewell Technology LTD 3.0SMCJ220 Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3.0SMCJ_5.0_220A
Stand-off Voltage : 5.0 to 220V
Peak Pulse Power : 3000 W
Publication Order Number: [3.0SMCJ_5.0_220A]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage @ IT
(1)
Reverse
Stand-off
Voltage
Maximum
Reverse
Leakage
@ VWM
Maximum Peak
Pulse Surge
Current
Maximum
Clamping
Voltage
@ IPPM
VBR (V)
IT
VWM
ID
IPPM
VC
Min.
Max.
(mA)
(V)
μA
(A)
(V)
3.0SMCJ16A
17.8
20.5
1.0
16
5
115.4
26.0
3.0SMCJ17
18.9
23.9
1.0
17
5
98.4
30.5
3.0SMCJ17A
18.9
21.7
1.0
17
5
106.6
27.6
3.0SMCJ18
20.0
25.3
1.0
18
5
93.2
32.2
3.0SMCJ18A
20.0
23.3
1.0
18
5
102.8
29.2
3.0SMCJ20
22.2
28.1
1.0
20
5
83.8
35.8
3.0SMCJ20A
22.2
25.5
1.0
20
5
92.6
32.4
3.0SMCJ22
24.4
30.9
1.0
22
5
76.2
39.4
3.0SMCJ22A
24.4
28.0
1.0
22
5
84.4
35.5
3.0SMCJ24
26.7
33.8
1.0
24
5
69.8
43.0
3.0SMCJ24A
26.7
30.7
1.0
24
5
77.2
38.9
3.0SMCJ26
28.9
36.6
1.0
26
5
64.4
46.6
3.0SMCJ26A
28.9
33.2
1.0
26
5
71.2
42.1
3.0SMCJ28
31.1
39.4
1.0
28
5
60.0
50.0
3.0SMCJ28A
31.1
35.8
1.0
28
5
66.0
45.4
3.0SMCJ30
33.3
42.2
1.0
30
5
56.0
53.5
3.0SMCJ30A
33.3
38.3
1.0
30
5
62.0
48.4
3.0SMCJ33
36.7
46.5
1.0
33
5
50.4
59.0
3.0SMCJ33A
36.7
42.2
1.0
33
5
56.2
53.3
3.0SMCJ36
40.0
50.7
1.0
36
5
46.6
64.3
3.0SMCJ36A
40.0
46.0
1.0
36
5
51.6
58.1
3.0SMCJ40
44.4
56.3
1.0
40
5
42.0
71.4
3.0SMCJ40A
44.4
51.1
1.0
40
5
46.4
64.5
3.0SMCJ43
47.8
60.5
1.0
43
5
39.2
76.7
3.0SMCJ43A
47.8
54.9
1.0
43
5
43.2
69.4
3.0SMCJ45
50.0
63.3
1.0
45
5
37.4
80.3
3.0SMCJ45A
50.0
57.5
1.0
45
5
41.2
72.7
3.0SMCJ48
53.3
67.5
1.0
48
5
35.0
85.5
3.0SMCJ48A
53.3
61.3
1.0
48
5
38.8
77.4


Similar Part No. - 3.0SMCJ220

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ220 WTE-3.0SMCJ220 Datasheet
71Kb / 5P
   3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3.0SMCJ220 PANJIT-3.0SMCJ220 Datasheet
112Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ220 EIC-3.0SMCJ220 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3.0SMCJ220 PANJIT-3.0SMCJ220 Datasheet
153Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
Shenzhen Taychipst Elec...
3.0SMCJ220 TAYCHIPST-3.0SMCJ220 Datasheet
2Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3.0SMCJ220

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
3.0SMCJ11C LUGUANG-3.0SMCJ11C Datasheet
216Kb / 4P
   3000W peak pulse power capability with 10/1000關s waveform
logo
AiT Semiconductor Inc.
SMDJ5.0CA AITSEMI-SMDJ5.0CA Datasheet
400Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
   3000W Peak Power Surface Mount TVS
logo
STMicroelectronics
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
   PEAK PULSE POWER : 400 W (10/1000ms)
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com