Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3723S Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK3723S
Description  Low Cost 3.3 Volt VCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3723S Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK3723S Datasheet HTML 1Page - Integrated Circuit Systems MK3723S Datasheet HTML 2Page - Integrated Circuit Systems MK3723S Datasheet HTML 3Page - Integrated Circuit Systems MK3723S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK3723
Low Cost 3.3 Volt VCXO
MDS 3723 A
4
Revision 082800
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA • 95126• (408)295-9800tel • www.icst.com
I C R O
C LOC K
PRELIMINARY INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Ordering Information
Part/Order Number
Marking
Shipping packaging
Package
Temperature
MK3723S
MK3723S
tubes
8 pin SOIC
0-70 °C
MK3723STR
MK3723S
tape and reel
8 pin SOIC
0-70 °C
C
A
B
D
E
H
e
A1
L
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
8 pin SOIC
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.1890
0.1968
4.80
5.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
INDEX
AREA


Similar Part No. - MK3723S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3720 ICST-MK3720 Datasheet
57Kb / 4P
   27 MHz and 54 MHz 3.3 Volt VCXO
logo
Renesas Technology Corp
MK3720 RENESAS-MK3720 Datasheet
305Kb / 7P
   27 MHZ AND 54 MHZ 3.3 VOLT VCXO
061705
logo
Integrated Circuit Syst...
MK3720A ICST-MK3720A Datasheet
57Kb / 4P
   27 MHz and 54 MHz 3.3 Volt VCXO
MK3720ATR ICST-MK3720ATR Datasheet
57Kb / 4P
   27 MHz and 54 MHz 3.3 Volt VCXO
MK3720S ICST-MK3720S Datasheet
57Kb / 4P
   27 MHz and 54 MHz 3.3 Volt VCXO
More results

Similar Description - MK3723S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
   LOW COST 3.3 VOLT VCXO
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
   Low Cost 3.3 Volt VCXO
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
   LOW COST 27 MHZ 3.3 VOLT VCXO
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
   Low Cost 54 MHz 3.3 Volt VCXO
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
   LOW COST 27 MHZ 3.3 VOLT VCXO
logo
Renesas Technology Corp
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
   LOW COST 54 MHZ 3.3 VOLT VCXO
072805
logo
Integrated Circuit Syst...
MK3727 ICST-MK3727 Datasheet
79Kb / 6P
   LOW COST 24 - 36 MHZ 3.3 VOLT VCXO
MK3711 ICST-MK3711 Datasheet
80Kb / 6P
   LOW COST 8 - 16 MHZ 3.3 VOLT VCXO
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
   LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com