Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5N50 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS5N50
Description  N-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS5N50 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS5N50 Datasheet HTML 1Page - Bruckewell Technology LTD MS5N50 Datasheet HTML 2Page - Bruckewell Technology LTD MS5N50 Datasheet HTML 3Page - Bruckewell Technology LTD MS5N50 Datasheet HTML 4Page - Bruckewell Technology LTD MS5N50 Datasheet HTML 5Page - Bruckewell Technology LTD MS5N50 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MS5N50
N-Channel Enhancement Mode Power MOSFET
Publication Order Number: [MS5N50]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Delay Time
VDD = 250 V, ID = 4.5 A,
VGS = 10 V,
RG = 25 Ω
--
13
--
ns
tr
Rise Time
--
22
--
ns
td(off)
Turn-Off Delay Time
--
28
--
ns
tf
Fall Time
--
20
--
ns
CISS
Input Capacitance
VGS = 0 V,
VDS =25 V,
f = 1MHz
--
460
--
pF
COSS
Output Capacitance
--
60
--
pF
CRSS
Reverse Transfer
Capacitance
--
5
--
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
IS = 4.5 A, VGS = 0V
--
--
1.5
V
ISM
VD=VG=0,
VS = 1.3 V
--
--
4.5
A
VSD
--
--
18
A
trr
VGS = 0, IF = 4.5 A,
dI/dt = 100A/us
--
230
--
ns
Qrr
--
1.6
--
uC
*
Pulse Test : Pulse Width ≤300μs, Duty Cycle≤2%


Similar Part No. - MS5N50

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS5N50-A BWTECH-MS5N50-A Datasheet
406Kb / 4P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MS5N50

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com