Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK74CB115RTR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK74CB115RTR
Description  1 to 16 Buffalo??Clock Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK74CB115RTR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK74CB115RTR Datasheet HTML 1Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 2Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 3Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 4Page - Integrated Circuit Systems MK74CB115RTR Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MK74CB115
1 to 16 Buffalo™ Clock Driver
MDS 74CB115 D
3
Revision 020800
Printed 11/16/00
Integrated Circuit Systems, Inc. • 525 Race St. • San Jose • CA • 95126 • (408) 295-9800tel • www.icst.com
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (Note 1)
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
0.5
VDD+0.5
V
Clock Outputs
Referenced to GND
0.5
VDD+0.5
V
Ambient Operating Temperature
0
70
°C
Soldering Temperature
Max of 20 seconds
260
°C
Storage Temperature
-65
150
°C
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
DC CHARACTERISTICS (VDD = 3.3 V unless noted)
Operating Voltage, VDD
3.0
3.3
5.5
V
Input High Voltage, VIH (IN pin)
Input clock
(VDD/2)+1
VDD/2
V
Input Low Voltage, VIL (IN pin)
Input clock
VDD/2
(VDD/2)-1
V
Input High Voltage, VIH (OE pins)
2.0
V
Input Low Voltage, VIL (OE pins)
0.8
V
Output High Voltage, 3.3V
IOH=-8mA
VDD-0.4
V
Output High Voltage, 3.3V
IOH=-12mA
2.4
V
Output Low Voltage, 3.3V
IOL=12mA
0.8
V
Operating Supply Current, IDD, at 100 MHz
No Load
55
mA
Output Impedance
14
Short Circuit Current, 3.3V
Each output
±50
mA
On-Chip Pull-up Resistor
OE0, OE1, OE2
250
k
Input Capacitance
5
pF
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
AC CHARACTERISTICS (VDD = 3.3 V unless noted)
Input Clock Frequency with load = 8 pF
Note 4, 5
0
200
MHz
Propagation Delay with load = 15pF
1.4
3
ns
Output Clock Rise Time
0.8 to 2.0V
2
ns
Output Clock Fall Time
2.0 to 0.8V
2
ns
Output Clock Rising Edge Skew
At VDD/2. Note 2
100
250
ps
Output Enable Time, OE high to output on
20
ns
Output Disable Time, OE low to tri-state
20
ns
Electrical Specifications
Notes:
1. Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged exposure
to levels above the operating limits but below the Absolute Maximums may affect device reliability.
2. Between any two outputs, with equal loading.
3. At VDD = 3.3 V, 70°C, series termination of 33
Ω per pin , 8 pF load per pin.
4. See discussion and graph of speed versus load, Graph 1 on following page.


Similar Part No. - MK74CB115RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
MK74CB163R ICST-MK74CB163R Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
MK74CB163RTR ICST-MK74CB163RTR Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
More results

Similar Description - MK74CB115RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
   1 to 16 PECL to CMOS Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
MK74CB44 ICST-MK74CB44 Datasheet
73Kb / 5P
   Quad 1 to 4 Buffalo??Clock Driver
logo
Integrated Device Techn...
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
   DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Integrated Circuit Syst...
MK74CB214 ICST-MK74CB214 Datasheet
48Kb / 4P
   Dual 1 to 7 Buffalo??Clock Driver
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
   Dual 1 to 8 Buffalo??Clock Driver
logo
Renesas Technology Corp
MK74CB218 RENESAS-MK74CB218 Datasheet
423Kb / 8P
   DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER
051310
MK74CB218B RENESAS-MK74CB218B Datasheet
320Kb / 9P
   DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER
011813
logo
Pericom Semiconductor C...
PI6C487016 PERICOM-PI6C487016 Datasheet
425Kb / 8P
   Low Skew, 1-to-16 LVCMOS / LVTTL Clock Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com