Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73174-0470 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73174-0470
Description  50 Ohms, DIN 1.0/2.3 Jack, Edge Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73174-0470 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73174-0470 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73174-0470
Status:
Active
Overview:
DIN 1.0/2.3 Connector and Backplane System
Description:
50 Ohms, DIN 1.0/2.3 Jack, Edge Mount
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73174
Overview
DIN 1.0/2.3 Connector and Backplane System
Product Name
DIN 1.0/2.3
Style
PCB
UPC
822348619207
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
2.550/g
Orientation
Straight
PCB Mounting
Edge Mount
PCB Thickness - Recommended
0.80mm
Packaging Type
Bag
Panel Mount
Yes
Panel Mount Method
Bulkhead
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73174-047
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73174Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73174-0470

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73174-0400 MOLEX11-73174-0400 Datasheet
35Kb / 1P
   50 Ohms, Din 41626 Jack, Straight, SR-047 Cable
73174-0410 MOLEX11-73174-0410 Datasheet
30Kb / 1P
   50 Ohms, DIN 1.0/2.3 Right-Angle Jack
73174-0411 MOLEX11-73174-0411 Datasheet
29Kb / 1P
   50 Ohms, DIN 1.0/2.3 Right-Angle Jack, Through Hole, PCB
More results

Similar Description - 73174-0470

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731740470 MOLEX11-0731740470 Datasheet
31Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Edge Mount
0731740470 MOLEX-0731740470_V01 Datasheet
32Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Edge Mount, Tray
0731740290 MOLEX11-0731740290 Datasheet
59Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Straight
0731740290 MOLEX-0731740290_V01 Datasheet
52Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Straight
73174-0410 MOLEX11-73174-0410 Datasheet
30Kb / 1P
   50 Ohms, DIN 1.0/2.3 Right-Angle Jack
0731740410 MOLEX-0731740410_V01 Datasheet
47Kb / 1P
   50 Ohms, DIN 1.0/2.3 Right-Angle Jack
0731740410 MOLEX11-0731740410 Datasheet
56Kb / 1P
   50 Ohms, DIN 1.0/2.3 Right-Angle Jack
0731740830 MOLEX11-0731740830 Datasheet
32Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount
0731740830 MOLEX-0731740830_V01 Datasheet
34Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount
0731740471 MOLEX-0731740471 Datasheet
32Kb / 1P
   50 Ohms, DIN 1.0/2.3 Jack, Edge Mount, One Piece Per Bag
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com