Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ807 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # GBJ807
Description  SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

GBJ807 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  GBJ807 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . GBJ807 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (GBJ801 THRU GBJ807)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
0
20
40
60
80
100
120
140
160
Tj=100 C
Tj=25 C
Tj=25 C
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
1
2
3
4
5
6
7
8
9
0
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
0
CASE TEMPERATURE,( C)
WITHOUT HEATSINK
WITH HEATSINK
295


Similar Part No. - GBJ807

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
GBJ807 UNIOHM-GBJ807 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - GBJ807

ManufacturerPart #DatasheetDescription
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GBJ801 UNIOHM-GBJ801 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR805-BR810 DGNJDZ-BR805-BR810 Datasheet
190Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 DGNJDZ-KBU801 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
GBU8005 DGNJDZ-GBU8005 Datasheet
280Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
GBU801 GWSEMI-GBU801 Datasheet
64Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 GWSEMI-KBU801 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS801M BYTES-RS801M Datasheet
148Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RS801 DGNJDZ-RS801 Datasheet
213Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
BR805 DGNJDZ-BR805 Datasheet
154Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com