Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER801 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # HER801
Description  8.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

HER801 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  HER801 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . HER801 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER801 THRU HER806
8.0 AMP HIGH EFFICIENCY RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 8.0A
Maximum DC Reverse Current
Tc=25 C
at Rated DC Blocking Voltage
Tc=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
8.0
1.0
1.3
150
10.0
200
60
100
65
-55
+150
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
V
HER801
HER802
HER803
HER804
HER805
HER806
UNITS
50
100
200
300
400
600
50
100
200
300
400
600
35
70
140
210
280
420
V
V
1.85
* High speed switching
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
VOLTAGE RANGE
50 to 600 Volts
CURRENT
8.0 Ampere
Operating and Storage Temperature Range TJ, TSTG
A
A
V
nS
pF
C
A
A
at Tc=75 C
150
TO-220A
Dimensions in inches and (millimeters)
.412
.248
.040
.180
.050
.120
.158
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.6)
(1.27)
(3.05)
(4.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
.603(15.3)
.578(14.7)
.576(14.6)
.514(13.0)
+
+
PIN 1
PIN 2
CASE


Similar Part No. - HER801

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HER801 RECTRON-HER801 Datasheet
24Kb / 2P
   HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 8.0 Amperes)
logo
Nanjing International G...
HER801 DGNJDZ-HER801 Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER801 BYTES-HER801 Datasheet
162Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER801 DGNJDZ-HER801 Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Dc Components
HER801 DCCOM-HER801 Datasheet
463Kb / 2P
   TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER801

ManufacturerPart #DatasheetDescription
logo
Bytes
HER801 BYTES-HER801 Datasheet
162Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER804-2C8A-2CTO-220AC DGNJDZ-HER804-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER801 FORMOSA-HER801 Datasheet
37Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HERF801 GWSEMI-HERF801 Datasheet
72Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER801-2C8A-2CTO-220AC DGNJDZ-HER801-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
HER805-2C8A-2CTO-220AC DGNJDZ-HER805-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
HER803-2C8A-2CTO-220AC DGNJDZ-HER803-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER801 UNIOHM-HER801 Datasheet
71Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER601 DGNJDZ-HER601 Datasheet
276Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
HER806-2C8A-2CTO-220AC DGNJDZ-HER806-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com