Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HERF802 Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # HERF802
Description  8.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

HERF802 Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  HERF802 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . HERF802 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.2
.4
.6
.8
1.0
1.2
1.4
.01
.1
1.0
10.0
100
RATING AND CHARACTERISTIC CURVES (HERF801 THRU HERF806)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
12
10
8
6
4
2
0
20
40
60
80
100
120
140
160
180
200
Single Phase Half Wave 60Hz
Resistive Or Inductive Load
30
0
60
90
120
150
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
CASE TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
Tj=25 C
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
1.6
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
153


Similar Part No. - HERF802

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
HERF802 MIC-HERF802 Datasheet
58Kb / 2P
   HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
HERF802 ZSELEC-HERF802 Datasheet
51Kb / 2P
   8.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
HY ELECTRONIC CORP.
HERF802 HY-HERF802 Datasheet
428Kb / 3P
   High Efficiency Glass Passivated Rectifiers
More results

Similar Description - HERF802

ManufacturerPart #DatasheetDescription
logo
Bytes
HER801 BYTES-HER801 Datasheet
162Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER804-2C8A-2CTO-220AC DGNJDZ-HER804-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER801 FORMOSA-HER801 Datasheet
37Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER801-2C8A-2CTO-220AC DGNJDZ-HER801-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
HER805-2C8A-2CTO-220AC DGNJDZ-HER805-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Goodwork Semiconductor ...
HER801 GWSEMI-HER801 Datasheet
72Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER803-2C8A-2CTO-220AC DGNJDZ-HER803-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
UNIOHM CORPORATION
HER801 UNIOHM-HER801 Datasheet
71Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER601 DGNJDZ-HER601 Datasheet
276Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
HER806-2C8A-2CTO-220AC DGNJDZ-HER806-2C8A-2CTO-220AC Datasheet
235Kb / 2P
   8.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com