Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73174-0920 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73174-0920
Description  75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount, Bulkhead, EWR-4452
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73174-0920 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73174-0920 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73174-0920
Status:
Active
Overview:
DIN 1.0/2.3 Connector and Backplane System
Description:
75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount, Bulkhead, EWR-4452
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73174
Overview
DIN 1.0/2.3 Connector and Backplane System
Product Name
DIN 1.0/2.3
Style
PCB
UPC
884982410794
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
1.426/g
Orientation
Straight
PCB Mounting
Edge Mount
Packaging Type
Bag
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
75#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73174-092
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73174Series
This document was generated on 12/11/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73174-0920

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73174-0950 MOLEX11-73174-0950 Datasheet
38Kb / 1P
   75 Ohms, DIN 1.0/2.3 75 Ohms, Vertical Jack
More results

Similar Description - 73174-0920

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73174-0700 MOLEX11-73174-0700 Datasheet
38Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount Bulkhead, EWR-3582
73174-0830 MOLEX11-73174-0830 Datasheet
36Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount, EWR-3908
0731740700 MOLEX11-0731740700 Datasheet
34Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount Bulkhead
0731740920 MOLEX-0731740920_V01 Datasheet
50Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount, Bulkhead
0731740920 MOLEX11-0731740920 Datasheet
32Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount, Bulkhead
0731740700 MOLEX-0731740700_V01 Datasheet
50Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount Bulkhead
0731740830 MOLEX11-0731740830 Datasheet
32Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount
0731740830 MOLEX-0731740830_V01 Datasheet
34Kb / 1P
   75 Ohms, DIN 1.0/2.3 Straight Jack, Edge Mount
73174-0950 MOLEX11-73174-0950 Datasheet
38Kb / 1P
   75 Ohms, DIN 1.0/2.3 75 Ohms, Vertical Jack
0731740950 MOLEX11-0731740950 Datasheet
34Kb / 1P
   75 Ohms, DIN 1.0/2.3 75 Ohms, Vertical Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com