Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73216-2120 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73216-2120
Description  50 Ohms, TNC Jack, Bulkhead, IP 68, RG-174, RG-188 and RG-316 Cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73216-2120 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73216-2120 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73216-2120
Status:
Active
Overview:
TNC RF Connectors
Description:
50 Ohms, TNC Jack, Bulkhead, IP 68, RG-174, RG-188 and RG-316 Cable
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73216
Overview
TNC RF Connectors
Product Name
TNC
Style
Cable
UPC
883906851859
Wire/Cable Type
RG-174, RG-188, RG-316
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
17.015/g
Orientation
Straight
PCB Mounting
N/A
PCB Thickness - Recommended
4.30mm
Packaging Type
Bag
Panel Mount
Yes
Panel Mount Method
Bulkhead
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73216-212
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73216Series
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73216-2120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73216-2160 MOLEX11-73216-2160 Datasheet
36Kb / 1P
   50 Ohms, TNC Jack Isolated Ground Bulkhead, IP68, Rear Mount
73216-2170 MOLEX11-73216-2170 Datasheet
36Kb / 1P
   50 Ohms, TNC Jack Isolated Ground Bulkhead, IP68, Rear Mount
More results

Similar Description - 73216-2120

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0732162120 MOLEX-0732162120_V01 Datasheet
54Kb / 1P
   50 Ohms, TNC Jack, Bulkhead, IP 68, RG-174, RG-188 and RG-316 Cable
0732162120 MOLEX11-0732162120 Datasheet
33Kb / 1P
   50 Ohms, TNC Jack, Bulkhead, IP 68, RG-174, RG-188 and RG-316 Cable
0732161330 MOLEX11-0732161330 Datasheet
32Kb / 1P
   50 Ohms, TNC Jack, Straight, Bulkhead, RG-174, RG-188 and RG-316 Cable
73216-1330 MOLEX11-73216-1330 Datasheet
37Kb / 1P
   50 Ohms, TNC Jack, Straight, Bulkhead, RG-174, RG-188 and RG-316 Cable
0732161330 MOLEX-0732161330_V01 Datasheet
53Kb / 1P
   50 Ohms, TNC Jack, Straight, Bulkhead, RG-174, RG-188 and RG-316 Cable
73216-2790 MOLEX11-73216-2790 Datasheet
41Kb / 1P
   50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-174, RG-188 and RG-316 Cable
0733910220 MOLEX11-0733910220 Datasheet
28Kb / 1P
   50 Ohms, SMA Bulkhead Jack, Crimp RG-174, RG-188 and RG-316 Cable,
0732162790 MOLEX11-0732162790 Datasheet
36Kb / 1P
   50 Ohms, TNC Jack Bulkhead, Rear Mount IP68, RG-174, RG-188 and RG-316 Cable
73251-0930 MOLEX11-73251-0930 Datasheet
32Kb / 1P
   50 Ohms, SMA Bulkhead Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0732511960 MOLEX11-0732511960 Datasheet
64Kb / 1P
   50 Ohms, SMA Bulkhead Jack, Crimp, RG-174, RG-188 and RG-316 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com