Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49C465PQF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT49C465PQF
Description  32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49C465PQF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT49C465PQF Datasheet HTML 2Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 3Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 4Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 5Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 6Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 7Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 8Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 9Page - Integrated Device Technology IDT49C465PQF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
11.7
6
IDT49C465/A
32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
MILITARY AND COMMERCIAL TEMPERATURE RANGES
FUNCTIONAL DESCRIPTION
The error detection/correction codes consist of a modified
Hamming code; it is identical to that used in the IDT49C460.
32-BIT MODE (CODE ID 1,0=00)
Figure 5. 32-Bit Mode
VCC
CHECKBITS–IN
CHECKBITS–OUT
SYNDROME–OUT
CBO
SYO
PCBI
CBI0–6
CBI7
EDC
7
7
7
8
2552 drw 09
64-BIT MODE (CODE ID 1,0=10 & 11)
The expansion bus topology is shown in Figure 6. This
topology allows the syndrome bits used by the correction logic
to be generated simultaneously in both parts used in the
expansion. During a 64-bit detection or correction operation,
“Partial-Checkbit” data and “Partial-Syndrome” data is simul-
taneously exchanged between the two EDC units in opposite
directions on dedicated expansion buses. This results in very
short 64-bit detection and correction times.
8
8
8
8
8
FINAL
CHECKBITS–OUT
(DETECT AND CORRECT)
CBO
SYO
ERR
PCBI
CBI
UPPER EDC
PARTIAL–CHECKBITS–OUT (10)
(GENERATE ONLY)
PARTIAL–SYNDROME
(DETECT/CORRECT ONLY)
PARTIAL–CHECKBITS–OUT (10)
(GENERATE ONLY)
PARTIAL–CHECKBITS–OUT (11)
(CORRECTION ONLY)
CBO
SYO
PCBI
CBI
CHECKBITS–IN
LOWER EDC
(CODE ID 1,0 = 10)
(CODE ID 1,0 = 11)
2552 drw 10
Figure 6. 64-Bit Mode — 2 Cascaded IDT49C465 Devices
64-BIT GENERATE-ONLY MODE (CODE ID 1,0=01)
If the Identity pins CODE ID 1,0 = 01, a single EDC is placed
in the 64-bit “Generate-only” mode. In this mode, the lower 32
bits of the 64-bit data word enter the device on the MD0-31
inputs and the upper 32-bits of the 64 bit data word enter the
Figure 7. 64-Bit "Generate-Only" Mode (Single Chip)
device on the SD0-31 inputs. This provides the device with the
full 64-bit word from memory.
The resultant generated
checkbits are output on the CBO0-7 outputs. The generate
time is less than that resulting from using a 2-chip cascade.
CBO
MD0–31
SD0–31
EDC
CHECKBITS–OUT
LOWER 32 BITS (0–31)
UPPER 32 BITS (32–63)
32
32
8
2552 drw 11


Similar Part No. - IDT49C465PQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460A IDT-IDT49C460A Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFF IDT-IDT49C460AFF Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AFFB IDT-IDT49C460AFFB Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C460AG IDT-IDT49C460AG Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
More results

Similar Description - IDT49C465PQF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
logo
ATMEL Corporation
29C516E ATMEL-29C516E_07 Datasheet
163Kb / 17P
   16-Bit Flow-Through EDAC Error Detection And Correction unit
29C516E ATMEL-29C516E Datasheet
94Kb / 16P
   16 Bit Flow Through EDAC Error Detection And Correction unit
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Dynex Semiconductor
MA31755 DYNEX-MA31755 Datasheet
134Kb / 13P
   16-Bit Feedthrough Error Detection & Correction Unit EDAC
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
National Semiconductor ...
DP8402A NSC-DP8402A Datasheet
319Kb / 18P
   DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com