Electronic Components Datasheet Search |
|
IDT49C466PQF Datasheet(PDF) 9 Page - Integrated Device Technology |
|
IDT49C466PQF Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 27 page 11.7 9 IDT49C466/A Flow-thruEDC ™ ERROR DETECTION AND CORRECTION UNIT COMMERCIAL TEMPERATURE RANGES The diagram in figure 2 progresses from the FIFO initialization(reset) through a sequence of write operations. After the first write, a read is executed which establishes the data at the FIFO output(AA). On the last write to the FIFO(the write that fills the FIFO), the location of the last read data is output in the SD output latch. For the read FIFO, the FIFO output must be latched externally to accomplish the same thing, since there is no latch on-chip following the FIFO. If this cannot be done and the situation described above is expected to occur in normal operation, the write must be inhibited one cycle before the FIFO becomes full. R/W FIFO Operation At Boundaries In the 49C466 the write pointer is incremented on every FIFO write. Similarly the read pointer is incremented on every FIFO read. In most cases on a FIFO read, the last data read remains at the output of the FIFO, until the read pointer is further incremented. On the last (the write that fills the FIFO) FIFO write after the FIFO read, however, this last read data is overwritten by the 16th write following the empty condition and consequently the data at the FIFO output is liable to change. The situation is depicted in the diagram below. overwritten and the FIFO output changes from AA to the data just written, namely QQ. This operation needs to be taken into account in the design of the system. In case of a burst operation where FIFO data is output at a much slower rate than the rate at which data is input and the full flag is expected to inhibit further writes, the user cannot expect the FIFO output to remain static through the 16th write of the burst. If this is a requisite to the design, the FIFO output should be latched. In the case of the write FIFO this can be accomplished on-chip by latching the FIFO WRITE15 (data = PP) No READs (data = AA) reset FIFO (empty) WP RP WRITE1 (data = AA) WP WRITE16 (data = QQ) No READs (data = QQ) WRITE1 (data = BB) No READs (data = AA) WRITE2 (data =CC) No READs (data = AA) FIFO RP FIFO (empty) WP RP FIFO WP RP READ1 (data = AA) WP RP FIFO WP RP FIFO WP FIFO (full) Figure 2. R/W FIFO Operation |
Similar Part No. - IDT49C466PQF |
|
Similar Description - IDT49C466PQF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |